Electronic Components Datasheet Search
  English  ▼

X  

DG411FDY Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG411FDY
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411FDY Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG411FDY Datasheet HTML 1Page - Maxim Integrated Products DG411FDY Datasheet HTML 2Page - Maxim Integrated Products DG411FDY Datasheet HTML 3Page - Maxim Integrated Products DG411FDY Datasheet HTML 4Page - Maxim Integrated Products DG411FDY Datasheet HTML 5Page - Maxim Integrated Products DG411FDY Datasheet HTML 6Page - Maxim Integrated Products DG411FDY Datasheet HTML 7Page - Maxim Integrated Products DG411FDY Datasheet HTML 8Page - Maxim Integrated Products DG411FDY Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
(V+ = +15V, V- = -15V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Fault-FreeAnalog Signal
Range
VCOM_,
VNO_, VNC_
E
V-
V+
V
On-Resistance
RON
ICOM_ = 10mA,
VNO_, VNC_ = ±10V
+25°C
25
35
Ω
E
45
On-Resistance Match
BetweenChannels (Note 4)
ΔRON
ICOM_ = 10mA,
VNO_, VNC_ = ±10V
+25°C
0.2
1.5
Ω
E
2.0
On-Resistance Flatness
RFLAT(ON)
ICOM_ = 10mA,
VNO_, VNC_ = ±5V, 0
+25°C
1.0
3
Ω
E
4
NO_, NC_ Off-Leakage Current
(Note 5)
INO_(OFF),
INC_(OFF)
VCOM_ = ±10V,
VNO_, VNC_ = › 10V
+25°C
-0.25
+0.025
+0.25
nA
E
-30
+30
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
VCOM_ = ±10V,
VNO_, VNC_ = › 10V
+25°C
-0.25
+0.025
+0.25
nA
E
-30
+30
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
VCOM_ = ±10V,
VNO_, VNC_ = ±10V or floating
+25°C
-0.5
+0.025
+0.5
nA
E
-40
+40
FAULT
Fault-Protected Analog
SignalRange
VCOM_,
VNO_, VNC_
V+ = +15V, V- = -15V
E
-36
+36
V
V+ = 0, V- = -15V
E
-36
+36
V+ = V- = 0
E
-40
+40
NO_ or NC_ Off-Leakage
Current
INO_, INC_
VNO_, VNC_ = ±36V
+25°C
-1
+1
µA
E
-10
+10
COM_ Off-Leakage Current
ICOM_
VCOM_ = ±36V
+25°C
-1
+1
µA
E
-10
+10
NO_ or NC_ Leakage Current
INO_, INC_
VNO_, VNC_ = ±40V,
V+ = V- = 0
+25°C
-1
+1
µA
E
-10
+10
COM_ Leakage Current
ICOM_
VCOM_ = ±40V,
V+ = V- = 0
+25°C
-1
+1
µA
E
-10
+10
NO_ or NC_ Off-Leakage
Current
INO_, INC_
V+ = 0, V- = -15V,
VNO_, VNC_ = ±36V
+25°C
-1
+1
µA
E
-10
+10
COM_ Off-Leakage Current
ICOM_
V+ = 0, V- = -15V,
VCOM_ = ±36V
+25°C
-1
+1
µA
E
-10
+10
Fault-Trip Threshold
E
V- - 0.4
V++0.4
V
± Fault Output Turn-Off Delay
VNO_, VNC_ = ±36V, RL = 1kΩ
E
20
ns
± Fault Recovery Time
VNO_, VNC_ = ±36V, RL = 1kΩ
E
1
µs
SWITCH DYNAMICS
Turn-On Time
tON
VNO_ or VNC_ = ±10V,
RL = 300Ω,
CL = 35pF, Figure 2
+25°C
70
175
ns
E
220
Turn-Off Time
tOFF
VNO_ or VNC_ = ±10V,
RL = 300Ω,
CL = 35pF, Figure 2
+25°C
55
145
ns
E
160
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics— ±15V Dual Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com