Electronic Components Datasheet Search
  English  ▼

X  

DG411FDJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DG411FDJ
Description  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411FDJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DG411FDJ Datasheet HTML 1Page - Maxim Integrated Products DG411FDJ Datasheet HTML 2Page - Maxim Integrated Products DG411FDJ Datasheet HTML 3Page - Maxim Integrated Products DG411FDJ Datasheet HTML 4Page - Maxim Integrated Products DG411FDJ Datasheet HTML 5Page - Maxim Integrated Products DG411FDJ Datasheet HTML 6Page - Maxim Integrated Products DG411FDJ Datasheet HTML 7Page - Maxim Integrated Products DG411FDJ Datasheet HTML 8Page - Maxim Integrated Products DG411FDJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
(Voltages Referenced to GND)
V+ ..........................................................................-0.3V to +44V
V- ...........................................................................-44V to +0.3V
V+ to V- .................................................................-0.3V to +44V
IN_.........................................................(V- - 0.3V) to (V- + 40V)
NO_, NC_ to COM_ (Note1) ..................................-40V to +40V
COM_, NO_, NC_ Voltage with
Power On (Note 1) .............................................-36V to +36V
COM_, NO_, NC_ Voltage with
Power Off (Note 1) .............................................-40V to +40V
Continuous Current (any terminal)...................................±30mA
Peak Current COM_, NO_, NC_
(pulsed at 1ms, 10% duty cycle) ................................±100mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 9.4mW/°C above +70°C)........755mW
16-Pin SO (derate 8.7mW/°C above +70°C)...............696mW
16-Pin Plastic DIP (derate 10.53mW/°C
above +70°C) ..........................................................842mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
PACKAGE TYPE: SOIC
Outline Number
21-0041
PACKAGE TYPE: PDIP
Outline Number
21-0043
PACKAGE TYPE: TSSOP
Outline Number
21-0066
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Note 1: COM_, NO_, and NC_ pins are fault protected. Signals on COM_, NO_, and NC_ exceeding -36V to +36V may damage the
device during power-on conditions. When the power is off, the maximum range is -40V to +40V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com