Electronic Components Datasheet Search
  English  ▼

X  

MAX44267 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44267
Description  15V Single-Supply, Dual Op Amp with 짹10V Output Range
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44267 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44267 Datasheet HTML 1Page - Maxim Integrated Products MAX44267 Datasheet HTML 2Page - Maxim Integrated Products MAX44267 Datasheet HTML 3Page - Maxim Integrated Products MAX44267 Datasheet HTML 4Page - Maxim Integrated Products MAX44267 Datasheet HTML 5Page - Maxim Integrated Products MAX44267 Datasheet HTML 6Page - Maxim Integrated Products MAX44267 Datasheet HTML 7Page - Maxim Integrated Products MAX44267 Datasheet HTML 8Page - Maxim Integrated Products MAX44267 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
(VDD = VCPVDD = 15V, VGND = VCPGND = 0V, VCM = 0V, CFLY = 0.022µF, CHOLD = 0.1µF, CFILT = 0.1µF, RL = 5kΩ and CL = 10pF to
GND, TA = +25°C, unless otherwise noted.)
2
2.05
2.1
2.15
2.2
2.25
2.3
2.35
2.4
2.45
2.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
TOTAL SUPPLY CURRENT vs. TEMPERATURE
toc01
VDD= +5V
VDD= +15V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
4.5
6
7.5
9
10.5
12
13.5
15
VDD (V)
TOTAL SUPPLY CURRENT vs. VDD
toc02
-17
-16
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
4.5
6
7.5
9
10.5
12
13.5
15
VDD (V)
CPVSS AND VSS vs. VDD
toc2b
CPVSS
VSS
OP AMPS, VSS AND
CPVSS UNLOADED
0
10
20
30
40
50
60
-4 -3 -2 -1 0
1
2
3
4
OFFSET VOLTAGE (µV)
INPUT OFFSET VOLTAGE HISTOGRAM
toc03
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
INPUT BIAS CURRENT vs. TEMPERATURE
toc04
IB-
IB+
-15
-14.5
-14
-13.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
CPVSS AND VSS vs. TEMPERATURE
(VDD = 15V)
toc2c
CPVSS
VSS
OP AMPS, VSS AND
CPVSS UNLOADED
-5
-4.5
-4
-3.5
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
CPVSS AND VSS vs. TEMPERATURE
(VDD = 5V)
toc2d
CPVSS
VSS
OP AMPS, VSS AND
CPVSS UNLOADED
MAX44267
+15V Single-Supply, Dual Op Amp
with ±10V Output Range
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com