Electronic Components Datasheet Search
  English  ▼

X  

ALD2721 Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2721
Description  DUAL EPAD TM MICROPOWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2721 Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2721 Datasheet HTML 1Page - Advanced Linear Devices ALD2721 Datasheet HTML 2Page - Advanced Linear Devices ALD2721 Datasheet HTML 3Page - Advanced Linear Devices ALD2721 Datasheet HTML 4Page - Advanced Linear Devices ALD2721 Datasheet HTML 5Page - Advanced Linear Devices ALD2721 Datasheet HTML 6Page - Advanced Linear Devices ALD2721 Datasheet HTML 7Page - Advanced Linear Devices ALD2721 Datasheet HTML 8Page - Advanced Linear Devices ALD2721 Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Advanced Linear Devices
ALD2721E/ALD2721
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25
oC VS =
±2.5V unless otherwise specified
2721E
2721
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
200
400
200
400
µAVIN = 0V
No Load
Power Dissipation
PD
1.00
2.00
1.00
2.00
mW
VS = ±2.5V
Input Capacitance
CIN
11
pF
Maximum Load Capacitance
CL
50
50
pF
Equivalent Input Noise Voltage
en
55
55
nV/
√Hz
f = 1KHz
Equivalent Input Noise Current
in
0.6
0.6
fA/
√Hz
f =10Hz
Bandwidth
BW
700
700
KHz
Slew Rate
SR
0.7
0.7
V/
µsAV = +1
RL = 100KΩ
Rise time
tr
0.2
0.2
µsRL = 100KΩ
Overshoot Factor
20
20
%
RL=100KΩ
CL=50pF
Settling Time
tS
10
10
µs
0.1% AV = -1
RL= 100KΩ
CL = 50pF
Channel Separation
CS
140
140
dB
AV =100
* NOTES 1 through 9, see section titled "Definitions and Design Notes".
TA = 25
oC VS = ±2.5V unless otherwise specified
2721E
2721
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Average Long Term Input Offset
∆ VOS
0.02
0.02
µV/
Voltage Stability 9
∆ time
1000 hrs
Initial VE Voltage
VE1 i, VE2 i
1.2
1.7
V
Programmable Change of
∆VE1, ∆VE2
1.5
2.5
1.0
V
VE Range
Programmed VE Voltage Error
e(VE1-VE2)
0.1
0.1
%
VE Pin Leakage Current
ieb
-5
-5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com