Electronic Components Datasheet Search
  English  ▼

X  

MDEV-FFF-DT Datasheet(PDF) 16 Page - Linx Technologies

Part # MDEV-FFF-DT
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-DT Datasheet(HTML) 16 Page - Linx Technologies

Back Button MDEV-FFF-DT Datasheet HTML 11Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 12Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 13Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 14Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 15Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 16Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 17Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 18Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 19Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
–
–
–
–
26
27
GND
+
C8
100uF
VCC
GND
Vin
1
Vout
3
U4
LM3940IMP 3.3V
C9
0.47uF
GND
IN
1
GND
2
EN
3
FAULT
4
ILIM
5
OUT
6
U3
TPS2552
GND
5VUSB
GND
R11
53.6k
nPWREN
USB AREA
POWER SUPPLY AREA
RF MODULE CARRIER AREA
SIGNAL ROUTING
U8
VDC
1
RA5
2
RA4
3
MCLR
4
RC5
5
RC4
6
RC3
7
RC2
8
RC1
9
RC0
10
RA2
11
ICSPCLK
12
ICSPDAT
13
GND
14
PIC16F1825-I/ST
VCC
GND
PGM
CSB
RS
SI
SCL
RST
PGC
PGD
R42 DNP
VCCP
VCC
RS
SI
SCL
RST
CSB
VCC
GND
GND
C13
1uF
GND
C14
1uF
C1-
2
C1+
3
VOUT
4
VCC
5
GND
6
SI
7
SCL
8
CSB
9
RS
10
LED+
1
LED-
12
RST
11
LCD1
2x16 LCD
R6
0 Ohm
MICROCONTROLLER AREA
D2
D1
R5
330 ohm
VCC
R17
10k
GND
NC
1
IN
2
GND
3
OUT
4
VCC
5
U5
VCC
GND
R49 0 ohm
Buffer Bypass DNP
RTS
nCMD
CMD_DATA_OUT
RXD
NC
1
IN
2
GND
3
OUT
4
VCC
5
U1
VCC
GND
R46
10k
VCC
R48 0 ohm
CMD_DATA_IN
TXD
Buffer Bypass DNP
GND
R8
330 ohm
D4
R24
10k
S2
VCC
PAIR
GND
R41
0 ohm
R40
0 ohm
VCC
GND
SW1
LADJ
R36
DNP
R23
DNP
GPIO1
RXD
GND
nPDN
Figure 33: Programming Dock Board Power Supply Area Schematic
GND
+
C8
100uF
VCC
GND
Vin
1
Vout
3
U4
LM3940IMP 3.3V
C9
0.47uF
GND
IN
1
GND
2
EN
3
FAULT
4
ILIM
5
OUT
6
U3
TPS2552
GND
5VUSB
GND
R11
53.6k
nPWREN
USB AREA
POWER SUPPLY AREA
RF MODULE CARRIER AREA
SIGNAL ROUTING
U8
VDC
1
RA5
2
RA4
3
MCLR
4
RC5
5
RC4
6
RC3
7
RC2
8
RC1
9
RC0
10
RA2
11
ICSPCLK
12
ICSPDAT
13
GND
14
PIC16F1825-I/ST
VCC
GND
PGM
CSB
RS
SI
SCL
RST
PGC
PGD
R42 DNP
VCCP
VCC
RS
SI
SCL
RST
CSB
VCC
GND
GND
C13
1uF
GND
C14
1uF
C1-
2
C1+
3
VOUT
4
VCC
5
GND
6
SI
7
SCL
8
CSB
9
RS
10
LED+
1
LED-
12
RST
11
LCD1
2x16 LCD
R6
0 Ohm
MICROCONTROLLER AREA
D2
D1
R5
330 ohm
VCC
R17
10k
GND
NC
1
IN
2
GND
3
OUT
4
VCC
5
U5
VCC
GND
R49 0 ohm
Buffer Bypass DNP
RTS
nCMD
CMD_DATA_OUT
RXD
NC
1
IN
2
GND
3
OUT
4
VCC
5
U1
VCC
GND
R46
10k
VCC
R48 0 ohm
CMD_DATA_IN
TXD
Buffer Bypass DNP
GND
R8
330 ohm
D4
R24
10k
S2
VCC
PAIR
GND
R41
0 ohm
R40
0 ohm
VCC
GND
SW1
LADJ
R36
DNP
R23
DNP
GPIO1
RXD
GND
nPDN
Figure 34: Programming Dock Board Signal Routing Schematic
GND
+
C8
100uF
VCC
GND
Vin
1
Vout
3
U4
LM3940IMP 3.3V
C9
0.47uF
GND
IN
1
GND
2
EN
3
FAULT
4
ILIM
5
OUT
6
U3
TPS2552
GND
5VUSB
GND
R11
53.6k
nPWREN
USB AREA
POWER SUPPLY AREA
RF MODULE CARRIER AREA
SIGNAL ROUTING
U8
VDC
1
RA5
2
RA4
3
MCLR
4
RC5
5
RC4
6
RC3
7
RC2
8
RC1
9
RC0
10
RA2
11
ICSPCLK
12
ICSPDAT
13
GND
14
PIC16F1825-I/ST
VCC
GND
PGM
CSB
RS
SI
SCL
RST
PGC
PGD
R42 DNP
VCCP
VCC
RS
SI
SCL
RST
CSB
VCC
GND
GND
C13
1uF
GND
C14
1uF
C1-
2
C1+
3
VOUT
4
VCC
5
GND
6
SI
7
SCL
8
CSB
9
RS
10
LED+
1
LED-
12
RST
11
LCD1
2x16 LCD
R6
0 Ohm
MICROCONTROLLER AREA
D2
D1
R5
330 ohm
VCC
R17
10k
GND
NC
1
IN
2
GND
3
OUT
4
VCC
5
U5
VCC
GND
R49 0 ohm
Buffer Bypass DNP
RTS
nCMD
CMD_DATA_OUT
RXD
NC
1
IN
2
GND
3
OUT
4
VCC
5
U1
VCC
GND
R46
10k
VCC
R48 0 ohm
CMD_DATA_IN
TXD
Buffer Bypass DNP
GND
R8
330 ohm
D4
R24
10k
S2
VCC
PAIR
GND
R41
0 ohm
R40
0 ohm
VCC
GND
SW1
LADJ
R36
DNP
R23
DNP
GPIO1
RXD
GND
nPDN
Figure 35: Programming Dock Board USB Area Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com