Electronic Components Datasheet Search
  English  ▼

X  

SI2305CD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI2305CD
Description  P-Channel 8 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2305CD Datasheet(HTML) 2 Page - Vishay Siliconix

  SI2305CD Datasheet HTML 1Page - Vishay Siliconix SI2305CD Datasheet HTML 2Page - Vishay Siliconix SI2305CD Datasheet HTML 3Page - Vishay Siliconix SI2305CD Datasheet HTML 4Page - Vishay Siliconix SI2305CD Datasheet HTML 5Page - Vishay Siliconix SI2305CD Datasheet HTML 6Page - Vishay Siliconix SI2305CD Datasheet HTML 7Page - Vishay Siliconix SI2305CD Datasheet HTML 8Page - Vishay Siliconix SI2305CD Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 64847
S10-0720-Rev. C, 29-Mar-10
Vishay Siliconix
Si2305CDS
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 8
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 9
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
2.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.4
- 1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 8 V, VGS = 0 V
- 1
µA
VDS = - 8 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 4.5 V
- 10
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 4.4 A
0.028
0.035
Ω
VGS = - 2.5 V, ID = - 3.8 A
0.039
0.048
VGS = - 1.8 V, ID = - 2 A
0.053
0.065
Forward Transconductancea
gfs
VDS = - 4 V, ID = - 4.4 A
17
S
Dynamicb
Input Capacitance
Ciss
VDS = - 4 V, VGS = 0 V, f = 1 MHz
960
pF
Output Capacitance
Coss
330
Reverse Transfer Capacitance
Crss
300
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 8 V, ID = - 4.4 A
20
30
nC
Total Gate Charge
Qg
VDS = - 4 V, VGS = - 4.5 V, ID = - 4.4 A
12
18
Gate-Source Charge
Qgs
1.5
Gate-Drain Charge
Qgd
3.1
Gate Resistance
Rg
f = 1 MHz
1
5.1
10.2
Ω
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 1.1 Ω
ID ≅ - 3.5 A, VGEN = - 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
20
30
Turn-Off Delay Time
td(off)
40
60
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = - 4 V, RL = 1.1 Ω
ID ≅ - 3.5 A, VGEN = - 8 V, Rg = 1 Ω
10
15
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
35
55
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 1.4
A
Pulse Diode Forward Current
ISM
- 20
Body Diode Voltage
VSD
IS = - 3.5 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 3.5 A, dI/dt = 100 A/µs, TJ = 25 °C
35
55
ns
Body Diode Reverse Recovery Charge
Qrr
14
25
nC
Reverse Recovery Fall Time
ta
16
ns
Reverse Recovery Rise Time
tb
19



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com