Electronic Components Datasheet Search
  English  ▼

X  

MDEV-418-RM Datasheet(PDF) 6 Page - Linx Technologies

Part # MDEV-418-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-418-RM Datasheet(HTML) 6 Page - Linx Technologies

Back Button MDEV-418-RM Datasheet HTML 2Page - Linx Technologies MDEV-418-RM Datasheet HTML 3Page - Linx Technologies MDEV-418-RM Datasheet HTML 4Page - Linx Technologies MDEV-418-RM Datasheet HTML 5Page - Linx Technologies MDEV-418-RM Datasheet HTML 6Page - Linx Technologies MDEV-418-RM Datasheet HTML 7Page - Linx Technologies MDEV-418-RM Datasheet HTML 8Page - Linx Technologies MDEV-418-RM Datasheet HTML 9Page - Linx Technologies MDEV-418-RM Datasheet HTML 10Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BOARD LAYOUT CONSIDERATIONS
If you are at all familiar with RF devices you may be concerned about
specialized layout requirements. Fortunately, because of the care taken in
design, integrating an RM receiver into your design is very straightforward.By
adhering carefully to a few basic design and layout rules, you can enjoy a
trouble-free path to RF success.
Figure 7 shows the suggested PCB footprint for the RM receiver.
1)
A ground-plane (as large as possible) should be placed directly under the
RM receiver. This ground-plane can also be critical to the performance of your
antenna.
2)
The RM receiver should, as much as reasonably
possible, be isolated from all other components on your PCB. Specifically, high-
frequency circuitry such as crystal oscillators should be kept as far away as
possible from the receiver.
3)
The module may be mounted vertically or bent horizontal to the product’s
PCB. If the receiver is to be mounted parallel to the board, it should be bent over
so that the side without components is closest to the PC board and the
component side is facing away from the PC board.
4)
No conductive items should be placed within .25 in. of the module’s
component side to prevent detuning.
5)
The trace from the receiver to the antenna should be kept as short as
possible. A simple trace is suitable for runs up to 1/4 inch for antennas with wide
bandwidth characteristics. For longer runs or to avoid detuning a high-Q narrow
bandwidth antenna such as a helical, use a 50-ohm coax or 50-ohm microstrip
transmission line as shown in the adjoining diagram.
Page 6
POWER SUPPLY REQUIREMENTS
The receiver module requires a clean, well-
regulated voltage. While it is preferable to power
the unit from a battery, the unit can also be
powered from a power supply as long as noise
and ‘hash’ is less than 20mV. A 10µF capacitor
to ground on pin 5 (Vcc) and a 10
Ω series
resistor will help in cases where the quality of
supply power is poor.
Figure 6: Suggested supply filter
Figure 7: Recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com