Electronic Components Datasheet Search
  English  ▼

X  

MDEV-433-RM Datasheet(PDF) 12 Page - Linx Technologies

Part # MDEV-433-RM
Description  RM SERIES RECEIVER MODULE DATA GUIDE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-433-RM Datasheet(HTML) 12 Page - Linx Technologies

Back Button MDEV-433-RM Datasheet HTML 8Page - Linx Technologies MDEV-433-RM Datasheet HTML 9Page - Linx Technologies MDEV-433-RM Datasheet HTML 10Page - Linx Technologies MDEV-433-RM Datasheet HTML 11Page - Linx Technologies MDEV-433-RM Datasheet HTML 12Page - Linx Technologies MDEV-433-RM Datasheet HTML 13Page - Linx Technologies MDEV-433-RM Datasheet HTML 14Page - Linx Technologies MDEV-433-RM Datasheet HTML 15Page - Linx Technologies MDEV-433-RM Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Page 12
ANTENNA CONSIDERATIONS
The range of the RF link is widely variable and depends upon the type of antenna employed
and the operating environment.Proper design and matching of an antenna is a complex task
requiring sophisticated test equipment and a strong background in principles of RF
propagation. While adequate antenna performance can often be obtained by trial and error
methods, you may also want to consider utilizing a premade antenna from Linx.Our low-cost
antenna line is designed to ensure maximum performance and Part 15 compliance.
It is usually best to utilize a basic quarter-wave whip for your initial concept evaluation.This can
easily be made from a piece of wire as shown on the next page. Once the prototype product is
operating satisfactorily, a production antenna should be selected to meet the cost, size and
cosmetic requirements of the product. It is important to recognize that the antenna plays a
significant role in determining the performance and legality of your end product.In order to gain
a better understanding of the considerations involved in the design and selection of antennas,
please review Linx applications note #00500 “Antennas:Design, Application, Performance”.
The following notes should help in achieving optimum antenna performance:
1.
Proximity to objects such as a user’s hand or body, or metal objects will cause an
antenna to detune. For this reason the antenna shaft and tip should be positioned as far
away from such objects as possible .
2.
Optimum performance will be obtained from a 1/4- or 1/2-wave straight whip mounted
at a right angle to the ground-plane. In many cases this isn’t desirable for practical or
ergonomic reasons; thus, an alternative antenna style such as a helical, loop, patch, or
base-loaded whip may be utilized.
3.
On the transmitter end it is always a good practice to include a T-attenuation pad as
described under "Board Layout Considerations".This allows your product's output power
to be adjusted for certification purposes without change or compromise to the antenna.
4.
If an internal antenna is to be used, keep it away from other metal components,
particularly large items like transformers, batteries, and PCB tracks and ground-planes. In
many cases, the space around the antenna is as important as the antenna itself.
5.
In many antenna designs, particularly 1/4-wave whips, the ground-plane acts as a
counterpoise, forming, in essence, a 1/2-wave dipole. For this reason adequate ground-
plane area is essential. As a general rule the ground-plane to be used as counterpoise
should have a surface area
≥ the overall length of the 1/4-wave radiating element.
6.
Remove the antenna as far as possible from potential internal interference sources.
Switching power supplies, oscillators, even relays can also be significant sources of
potential interference. The single best weapon against such problems is attention to
placement and layout. Filter the module’s power supply with a high-frequency bypass
capacitor. Place adequate ground-plane under all potential sources of noise. Shield noisy
board areas whenever practical.
7.
In some applications it is advantageous to place the transmitter and its antenna away
from the main equipment.This avoids interference problems and allows the antenna to be
oriented for optimum RF performance. Always use 50
Ω coax such as RG-174 for the
remote feed.
PARAMETER
LOOP
HELICAL
WHIP
Ultimate performance
q
qq
qqq
Ease of design setup
q
qq
qqq
Size
qq
qqq
q
Immunity to proximity effects
qqq
qq
q
q=FAIR
qq=GOOD
qqq=EXCELLENT
Antenna Selection Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com