Electronic Components Datasheet Search
  English  ▼

X  

MDEV-GPS-F4 Datasheet(PDF) 3 Page - Linx Technologies

Part # MDEV-GPS-F4
Description  F4 Series GPS Receiver Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-GPS-F4 Datasheet(HTML) 3 Page - Linx Technologies

  MDEV-GPS-F4 Datasheet HTML 1Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 2Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 3Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 4Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 5Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 6Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 7Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 8Page - Linx Technologies MDEV-GPS-F4 Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
–
–
1
Description
The F4 Series GPS receiver module is a
self-contained high-performance GPS
receiver. Based on the SiRFstar IV chipset,
it provides exceptional sensitivity, even
in dense foliage and urban canyons. The
module’s very low power consumption
helps maximize runtimes in battery powered
applications. The F4 Series receiver can
acquire and track up to 48 satellites
simultaneously in just seconds, even at the
lowest signal levels. Housed in a compact
reflow-compatible SMD package, the receiver requires no programming or
additional RF components (except an antenna) to form a complete GPS
solution. Five GPIOs are easily configured through simple serial commands.
These features along with the module’s standard NMEA data output make
the F4 Series easy to integrate, even by engineers without previous RF or
GPS experience.
Features
• SiRF Star IV chipset
• Built-in jammer remover
• High sensitivity (-160dBm)
• 48 channels
• Fast TTFF at low signal levels
• 5 user definable GPIOs
• CGEE allows 3-day prediction
• No programming necessary
• No external RF components
needed (except an antenna)
• No production tuning
• Direct serial interface
• Power down feature
• Compact surface-mount
package
• Manual or reflow compatible
Applications
• Positioning and Navigation
• Location and Tracking
• Security/Loss-Prevention
• Surveying
• Logistics
• Fleet Management
F4 Series GPS Receiver
Data Guide
1/26/2016
GPS MODULE
RXM-GPS-F4
LOT GRxxxx
0.591
(15.00)
0.512
(13.00)
0.087
(2.20)
41
Production Guidelines
41
Hand Assembly
41
Automated Assembly
43
Resources
Warning: This product incorporates numerous static-sensitive
components. Always wear an ESD wrist strap and observe proper ESD
handling procedures when working with this device. Failure to observe
this precaution may result in module damage or failure.
Figure 1: Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com