Electronic Components Datasheet Search
  English  ▼

X  

ALD2702DA Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2702DA
Description  DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2702DA Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2702DA Datasheet HTML 1Page - Advanced Linear Devices ALD2702DA Datasheet HTML 2Page - Advanced Linear Devices ALD2702DA Datasheet HTML 3Page - Advanced Linear Devices ALD2702DA Datasheet HTML 4Page - Advanced Linear Devices ALD2702DA Datasheet HTML 5Page - Advanced Linear Devices ALD2702DA Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ALD2704A/ALD2704B
Advanced Linear Devices
4
ALD2704
Design & Operating Notes:
1. The ALD2704 CMOS operational amplifier uses a 3 gain stage
architecture and an improved frequency compensation scheme to
achieve large voltage gain, high output driving capability, and better
frequency stability. The ALD2704 is internally compensated for unity
gain stability using a novel scheme. This design produces a clean
single pole roll off in the gain characteristics while providing for more
than 70 degrees of phase margin at the unity gain frequency. A unity
gain buffer using the ALD2704 will typically drive 400pF of external
load capacitance without stability problems. In the inverting unity gain
configuration, it can drive up to 800pF of load capacitance. Compared
to other CMOS operational amplifiers, the ALD2704 is much more
resistant to parasitic oscillations.
2. The ALD2704 has complementary p-channel and n-channel input
differential stages connected in parallel to accomplish rail to rail input
common mode voltage range. With the common mode input voltage
close to the power supplies, one of the two differential stages is
switched off internally. To maintain compatibility with other opera-
tional amplifiers, this switching point has been selected to be about
1.5V above the negative supply voltage. As offset voltage trimming
on the ALD2704 is made when the input voltage is symmetrical to the
supply voltages, this internal switching does not affect a large variety
of applications such as an inverting amplifier or non-inverting amplifier
with a gain greater than 2 (10V operation), where the common mode
voltage does not make excursions below this switching point.
3. The input bias and offset currents are essentially input protection
TYPICAL PERFORMANCE CHARACTERISTICS
diode reverse bias leakage currents, and are typically less than 1pA
at room temperature. This low input bias current assures that the
analog signal from the source will not be distorted by input bias
currents. For applications where source impedance is very high, it
may be necessary to limit noise and hum pickup through proper
shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors as
determined by the bias circuitry, and the value of the load resistor. The
voltage follower configuration, the oscillation and resistant with the
rail- to-rail input and output feature, makes the ALD2704 an effective
analog signal buffer for medium to high source impedance sensors,
transducers, and other circuit networks.
5. The ALD2704 operational amplifier has been designed to provide
static discharge protection. Internally, the design has been carefully
implemented to minimize latch up. However, care must be exercised
when handling the device to avoid strong static fields. In using the
operational amplifier, the user is advised to power up the circuit before,
or simultaneously with, any input voltages applied and to limit input
voltages to not exceed 0.3V of the power supply voltage levels.
Alternatively, a 100K
Ω or higher value resistor at the input terminals
will limit input currents to acceptable levels while causing very small
or negligible accuracy effects.
OPEN LOOP VOLTAGE GAIN AS A FUNCTION
OF SUPPLY VOLTAGE AND TEMPERATURE
SUPPLY VOLTAGE (V)
1000
100
10
1
0
±2
±4
±6
RL = 10KΩ
RL = 5KΩ
} -55
°C
} +25
°C
} +125
°C
±8
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
1000
100
10
0.1
1.0
100
-25
0
75
125
50
25
-50
VS = ±5.0V
10000
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
0
±1
±2
±3
±4
±5
±6
INPUTS GROUNDED
OUTPUT UNLOADED
+80
°C
+25
°C
TA = -55°C
-25
°C
±7
1
2
3
4
5
6
7
8
+125
°C
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±2
±3
±4
±5
±6
±7
TA = 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com