Electronic Components Datasheet Search
  English  ▼

X  

MDEV-LICAL-MS Datasheet(PDF) 10 Page - Linx Technologies

Part # MDEV-LICAL-MS
Description  MS Series Remote Control Decoder
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-LICAL-MS Datasheet(HTML) 10 Page - Linx Technologies

Back Button MDEV-LICAL-MS Datasheet HTML 3Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 4Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 5Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 6Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 7Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 8Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 9Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 10Page - Linx Technologies MDEV-LICAL-MS Datasheet HTML 11Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
–
–
–
–
14
15
Output Data
Read Data Packet
YES
Output TX ID
NO
YES
NO
YES
NO
YES
NO
Power Up
Go To
Learn
Mode
YES
NO
Set Baud Rate
NO
NO
YES
YES
Sleep
Did The
DATA_IN Line
Transition?
Pull RX_CNTL
Line High
Wait "Time On"
(1 Packet + 10mS
= 10%)
Pull RX_CNTL
Line Low
Wait 9x "Time On"
(90%)
NO
YES
Did The
DATA_IN Line
Transition?
NO
YES
Is The
LEARN Line
High?
Is
RX_CNTL
Used?
Is The
LEARN Line
High?
Start Toggling
MODE_IND
Clear All Memory
NO
YES
NO
YES
Update Address
YES
Save New
Address
NO
Pull MODE_IND
Line Low
Pull MODE_IND
Line High For 2
Sec.
Pull MODE_IND
Line High
NO
YES
YES
NO
Pull RX_CNTL
Line High
Pull RX_CNTL
Line Low
YES
NO
Pull MODE_IND
Line Low
Is
RX_CNTL
Used?
Is The
LEARN Line
High?
Is The
LEARN Line
High?
10 Sec.
Time-Out?
17 Sec.
Time-Out?
Was Any
Valid Data
Received?
Learn
Mode
Is
The Packet
Valid?
First Loop?
Did The
DATA_IN Line
Transition?
Time Out?
Flash MODE_IND
Line 5 Times
YES
NO
Is Memory
Full?
Figure 11: MS Series Decoder Flowchart
Recommended Pad Layout
The MS Series encoders and decoders are implemented in an industry
standard 20-pin Shrink Small Outline Package (20-SSOP). The
recommended layout dimensions are shown in Figure 12.
Production Considerations
These surface-mount components are designed to comply with standard
reflow production methods. The recommended reflow profile is shown in
Figure 13 and should not be exceeded, as permanent damage to the part
may result.
0.047
(1.19)
0.016
(0.41)
0.026
(0.65)
0.328 (8.33)
0.234 (5.94)
Figure 12: PCB Layout Dimensions
240°C Max
0
25
50
75
100
125
150
175
200
225
250
275
020406080
100
120
140
160
180
200
220
240
260
280
300
320
TIME (SECONDS)
340
360
380
420
400
260°C Max
Lead-Free
Sn / Pb
Figure 13: MS Series Reflow Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com