Electronic Components Datasheet Search
  English  ▼

X  

TH403 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # TH403
Description  CONTAORE MISURA DIN 48
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TH403 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  TH403 Datasheet HTML 1Page - Nais(Matsushita Electric Works) TH403 Datasheet HTML 2Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
694
DIMENSIONI
Tolleranza: ±1.0 mm
Pulsante di reset
Indicatore
rotativo
Indicatore di
accumulo ore
totali
(senza reset)
Indicatore di
accumulo ore
(con reset)
Contenitore
Terminale a innesto
rapido n. 187
(4.7
× 6.0 × 0.5)
Dado
di fissaggio
Indicatore
di impostazione Hz
50Hz
60Hz
Staffa di montaggio
48
50
44.8
75
5.5
94
SCHEMI
DI COLLEGAMENTO
MONTAGGIO A PANNELLO
• Dimensioni di foratura pannello
mm
Panello
Contenitore
Dado
decorativo
Staffa di
montaggio
88.5
50
5.5
45
+0.6
0
Operating power supply
M
TH40
Tensione di alimentazione



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com