Electronic Components Datasheet Search
  English  ▼

X  

ALD110802PC Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD110802PC
Description  QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110802PC Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD110802PC Datasheet HTML 1Page - Advanced Linear Devices ALD110802PC Datasheet HTML 2Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
ALD110802/ALD110902
ORDERING INFORMATION
*N/C pins are internally connected.
Connect to V- to reduce noise
PC, SC PACKAGES
PA, SA PACKAGES
PIN CONFIGURATION
Rev 1.0-0506 ©2005 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, California 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
ALD110802/ALD110902 are monolithic quad/dual N-Channel MOSFETS
matched at the factory using ALD’s proven EPAD® CMOS technology.
These devices are intended for low voltage, small signal applications.
The ALD110802/ALD110902 MOSFETS are designed and built for ex-
ceptional device electrical characteristics matching. Since these devices
are on the same monolithic chip, they also exhibit excellent tempco tracking
characteristics. They are versatile circuit elements useful as design com-
ponents for a broad range of analog applications, such as basic building
blocks for current sources, differential amplifier input stages, transmis-
sion gates, and multiplexer applications. For most applications, connect
V- and N/C pins to the most negative voltage potential in the system and
V+ pin to the most positive voltage potential (or left open unused). All
other pins must have voltages within these voltage limits.
The ALD110802/ALD110902 devices are built for minimum offset voltage
and differential thermal response, and they are suited for switching and
amplifying applications in <+0.1V to +10V systems where low input bias
current, low input capacitance and fast switching speed are desired, as
these devices exhibit well controlled turn-off and sub-threshold charac-
teristics and can be biased and operated in the sub-threshold region.
Since these are MOSFET devices, they feature very large (almost infi-
nite) current gain in a low frequency, or near DC, operating environment.
The ALD110802/ALD110902 are suitable for use in very low operating
voltage or very low power (nanowatt), precision applications which re-
quire very high current gain, beta, such as current mirrors and current
sources. The high input impedance and the high DC current gain of the
Field Effect Transistors result from extremely low current loss through
the control gate. The DC current gain is limited by the gate input leakage
current, which is specified at 30pA at room temperature. For example,
DC beta of the device at a drain current of 3mA and input leakage current
of 30pA at 25°C is = 3mA/30pA = 100,000,000.
FEATURES
• Enhancement-mode (normally off)
• Precision Gate Threshold Voltage of +0.2V
• Matched MOSFET to MOSFET characteristics
• Tight lot to lot parametric control
• Low input capacitance
• VGS(th) match (VOS) to 10mV
• High input impedance — 10
12Ω typical
• Positive, zero, and negative VGS(th) temperature coefficient
• DC current gain >10
8
• Low input and output leakage currents
Operating Temperature Range*
0°C to +70°C0°C to +70°C
16-Pin
16-Pin
8-Pin
8Pin
Plastic Dip
SOIC
Plastic Dip
SOIC
Package
Package
Package
Package
ALD110802PC
ALD110802SC
ALD110902PA
ALD110902SA
* Contact factory for industrial or military temp. ranges or user-specified threshold voltage values.
APPLICATIONS
• Ultra low power (nanowatt) analog and digital
circuits
• Ultra low operating voltage(<0.2V) circuits
• Sub-threshold biased and operated circuits
• Precision current mirrors and current sources
• Nano-Amp current sources
• High impedance resistor simulators
• Capacitive probes and sensor interfaces
• Differential amplifier input stages
• Discrete Voltage comparators and level shifters
• Voltage bias circuits
• Sample and Hold circuits
• Analog and digital inverters
• Charge detectors and charge integrators
• Source followers and High Impedance buffers
• Current multipliers
• Discrete Analog switches / multiplexers
N/C*
1
2
3
14
15
16
4
13
5
12
N/C*
6
7
8
10
11
GN1
DN1
N/C*
DN4
N/C*
GN4
9
GN3
DN3
DN2
GN2
V+
S34
S12
V-
V+
V-
ALD110802
M 4
M 3
M 1
M 2
V-
V-
V-
V-
V-
GN1
DN1
N/C*
S12
DN2
GN2
ALD110902
1
2
3
6
7
8
4
5
M 1
M 2
V-
N/C*
V-
V-
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD®
MATCHED PAIR MOSFET ARRAY
VGS(th)= +0.2V


Similar Part No. - ALD110802PC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110802PCL ALD-ALD110802PCL Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110802PCL ALD-ALD110802PCL Datasheet
111Kb / 12P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD
More results

Similar Description - ALD110802PC

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
ALD110804 ALD-ALD110804 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814 Datasheet
42Kb / 2P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD114804 ALD-ALD114804 Datasheet
422Kb / 2P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD111933 ALD-ALD111933 Datasheet
411Kb / 2P
DUAL N-CHANNEL ENHANCEMENT MODE EPAD MATCHED PAIR MOSFET ARRAY
ALD110802 ALD-ALD110802_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110804 ALD-ALD110804_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110808 ALD-ALD110808_12 Datasheet
108Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
ALD110814 ALD-ALD110814_12 Datasheet
107Kb / 11P
QUAD/DUAL N-CHANNEL ENHANCEMENT MODE EPAD PRECISION MATCHED PAIR MOSFET ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com