Electronic Components Datasheet Search
  English  ▼

X  

ALD2302 Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD2302
Description  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2302 Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD2302 Datasheet HTML 1Page - Advanced Linear Devices ALD2302 Datasheet HTML 2Page - Advanced Linear Devices ALD2302 Datasheet HTML 3Page - Advanced Linear Devices ALD2302 Datasheet HTML 4Page - Advanced Linear Devices ALD2302 Datasheet HTML 5Page - Advanced Linear Devices ALD2302 Datasheet HTML 6Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ALD4303A/ALD4303
Advanced Linear Devices
TYPICAL APPLICATIONS
DOUBLE QUAD LIMIT WINDOW COMPARATOR
ZERO CROSSING DETECTOR
VL1 and VH1 first limit window send warning
VL2 and VH2 second limit window execute system cutoff
MULTIPLE RELAY DRIVE
VOLTAGE LEVEL TRANSLATOR
+
+
+12V
+12V
+
+
+12V
50K
47K
50K
VH2
VH1
VL1
VL2
ALD4303
ALD4303
+12V
+12V
VIN
+
+3V
-3V
1/4 ALD4303
VOUT
VIN
50K
+
+5V
+5V
1/4 ALD4303
VREF
VIN
+
1/4 ALD4303
= 1.4V for TTL input
=
V+
for CMOS input
2
VOUT
VREF
VIN
V
REF
V
REF
Output V
OUT swings from rail-to-rail
50K
V+ = +10V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com