Electronic Components Datasheet Search
  English  ▼

X  

MAX11150 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11150
Description  18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11150 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11150 Datasheet HTML 17Page - Maxim Integrated Products MAX11150 Datasheet HTML 18Page - Maxim Integrated Products MAX11150 Datasheet HTML 19Page - Maxim Integrated Products MAX11150 Datasheet HTML 20Page - Maxim Integrated Products MAX11150 Datasheet HTML 21Page - Maxim Integrated Products MAX11150 Datasheet HTML 22Page - Maxim Integrated Products MAX11150 Datasheet HTML 23Page - Maxim Integrated Products MAX11150 Datasheet HTML 24Page - Maxim Integrated Products MAX11150 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Daisy-Chain Mode, No-Busy Indicator
The daisy-chain mode with no-busy indicator is ideally suit-
ed for multichannel isolated applications that require mini-
mal wiring complexity. Simultaneous sampling of multiple
ADC channels is realized on a 3-wire serial interface where
data readback is analogous to clocking a shift register. In
Figure 13, two ADCs are connected to an SPI-compatible
digital host with corresponding timing given in Figure 14.
The daisy-chain mode is engaged when the MAX11150
detects the low state on SDI at the rising edge of CNVST.
In this mode, CNVST is brought low and then high to trigger
the completion of the acquisition phase and the start of a
conversion. A low SCLK state on the rising edge of CNVST
signals to the internal controller that the no-busy indicator
will be output. When in chain mode, the SDO output is
driven active at all times.
When SDI and CNVST are both low, SDO is driven low,
thus engaging the daisy-chain mode of operations on the
downstream MAX11150 parts. For example, in Figure 13
part A has its SDI tied low so the chain mode of operation
will be selected on every conversion. When CNVST goes
low to trigger another conversion, part A’s SDO and con-
sequently part B’s SDI go low as well. On the next CNVST
rising edge both parts A and B will select the daisy-chain
mode interface.
When a conversion is complete, the MSB is presented onto
SDO, and the MAX11150 returns to the acquisition phase.
The remaining data bits, stored within the internal shift
register, are clocked out on each subsequent SCLK falling
edge. The SDI input of each ADC in the chain is used to
transfer conversion data from the previous ADC into the
internal shift register of the next ADC, thus allowing for data
to be clocked through the multichip chain on each SCLK
falling edge. Each ADC in the chain outputs its MSB data
first requiring 18 × N clocks to read back N ADCs.
In daisy-chain mode, the maximum conversion rate is
reduced due to the increased readback time. For instance,
with a 6ns digital host setup time and 3V interface, up to
four MAX11150 devices running at a conversion rate of
310ksps can be daisy-chained on a 3-wire port.
Figure 13. Daisy-Chain Mode, No-Busy Indicator Connection Diagram
Figure 14. Daisy-Chain Mode, No-Busy Indicator Serial Interface Timing
SDO
SDI
SCLK
CLK
DATA IN
DIGITAL HOST
CNVST
CONVERT
SDO
SDI
SCLK
CNVST
MAX11150
MAX11150
Device A
Device B
SDOA
SDOB
DA17
SCLK
SDOA = SDIB
1
2
3
16
17
18
CNVST
tCONV
CONVERSION
ACQUISITION
ACQUISITION
tACQ
DA16
DA15
DA1
DA0
tSCLK
tSCLKL
tSCLKH
tDSDO
34
35
36
19
20
tHSCKCNV
tSSCKCNV
SDOB
DB17
DB16
DB15
DB1
DB0
DA17
DA16
DA1
DA0
tSSDISCK
tHSDISCK
tCNVPW
tCYC
SELECT NO
BUSY
OUTPUT
SELECT CHAIN
MODE
MAX11150
18-Bit, 500ksps, +5V SAR ADC with
Internal Reference in µMAX
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com