Electronic Components Datasheet Search
  English  ▼

X  

MAX11152 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11152
Description  18-Bit, 500ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11152 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11152 Datasheet HTML 17Page - Maxim Integrated Products MAX11152 Datasheet HTML 18Page - Maxim Integrated Products MAX11152 Datasheet HTML 19Page - Maxim Integrated Products MAX11152 Datasheet HTML 20Page - Maxim Integrated Products MAX11152 Datasheet HTML 21Page - Maxim Integrated Products MAX11152 Datasheet HTML 22Page - Maxim Integrated Products MAX11152 Datasheet HTML 23Page - Maxim Integrated Products MAX11152 Datasheet HTML 24Page - Maxim Integrated Products MAX11152 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Maxim Integrated │ 21
MAX11152
18-Bit, 500ksps, +5V Unipolar Input, SAR ADC,
in Tiny 10-Pin µMAX
www.maximintegrated.com
CS Mode 4-Wire, With Busy Indicator
The 4-wire CS mode with busy indicator is shown in
Figure 11 where a single ADC is connected to an SPI-
compatible digital host with interrupt input. The corre-
sponding timing is given in Figure 12. This mode is ideally
suited for single ADC applications where the CNVST pin
may be used for low-jitter sampling while the SDI pin is
used for data readback.
With SDI high, a rising edge on CNVST completes the
acquisition, initiates the conversion and forces SDO to
high impedance. This mode requires CNVST to be held
high during the conversion and data readback phases.
Note that if CNVST and SDI are low, SDO is driven low.
During the conversion, the SDI pin can be used as a
select line for other devices on the board, but must be
returned low before the minimum conversion time and
held low until the busy signal is generated.
When the conversion is complete, SDO transitions from
high impedance to a low logic level signaling to the digital
host through the interrupt input that data readback can
commence. The MAX11152 then enters the acquisition
phase. The data bits are clocked out, MSB first, by sub-
Figure 11. CS Mode 4-Wire with Busy Indicator Connection Diagram
Figure 12. CS Mode 4-Wire with Busy Indicator Serial Interface Timing
SDO
SDI
SCLK
CLK
DATA IN
DIGITAL HOST
CNVST
CONVERT
10kΩ
OVDD
IRQ
CS1
MAX11152
SCLK
SDO
1
2
3
17
18
19
CNVST
tCONV
CONVERSION
ACQUISITION
ACQUISITION
D17
D16
D1
D0
tSCLK
tSCLKL
tSCLKH
tDIS
tDSDO
tSSDICNV
tHSDICNV
SDI
tACQ
tCYC
Busy Bit
tCNVPW
tHSCKCNV
tSSCKCNV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com