Electronic Components Datasheet Search
  English  ▼

X  

MAX11161 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11161
Description  16-Bit, 250ksps, 5V SAR ADC with Internal Reference in 關MAX
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11161 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11161 Datasheet HTML 1Page - Maxim Integrated Products MAX11161 Datasheet HTML 2Page - Maxim Integrated Products MAX11161 Datasheet HTML 3Page - Maxim Integrated Products MAX11161 Datasheet HTML 4Page - Maxim Integrated Products MAX11161 Datasheet HTML 5Page - Maxim Integrated Products MAX11161 Datasheet HTML 6Page - Maxim Integrated Products MAX11161 Datasheet HTML 7Page - Maxim Integrated Products MAX11161 Datasheet HTML 8Page - Maxim Integrated Products MAX11161 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX11161 is a 16-bit, 250ksps, SAR ADC offering
excellent AC and DC performance with true unipolar input
range, internal reference, and small size. The MAX11161
measures a +5V (0 to 5V) input range and can operate
with a single 5V supply. The MAX11161 integrates a low
drift reference with internal buffer, saving the cost and
space of an external reference.
This ADC achieves 92.2dB SNR at 10kHz and -106.5dB
THD. The MAX11161 guarantees 16-bit no-missing codes
and ±0.8 LSB INL (typ).
The MAX11161 communicates using an SPI-compatible
serial interface at 2.3V, 3V, 3.3V, or 5V logic. The serial
interface can be used to daisy-chain multiple ADCs for mul-
tichannel applications and provides a busy indicator option
for simplified system synchronization and timing.
The MAX11161 is offered in a 10-pin, 3mm x 5mm,
µMAXM package and is specified over the -40°C to +85°C
temperature range.
Applications
● Industrial Process Control
● Data Acquisition Systems
● Medical Instrumentation
● Automatic Test Equipment
Benefits and Features
● High DC/AC Accuracy Provides Better Measurement
Quality
• 16-Bit Resolution with No Missing Codes
• 250ksps Throughput Rates Without Pipeline Delay/
Latency
• 92.2dB SNR and -106.5dB THD at 10kHz
• 0.5 LSBRMS Transition Noise
• ±0.8 LSB INL (typ) and ±0.3 LSB DNL (typ)
● Highly Integrated ADC Saves Cost and Space
• ±7ppm/°C Internal Reference
• Internal Reference Buffer
● Flexible and Low Power Supply Saves Space and
Cost
• +5V Analog and +2.3V to +5V Digital Supply
• 31mW Power Consumption at 250ksps
• 10µA in Shutdown Mode
● Multi-Industry Standard Serial Interface and Small
Package Reduces Size
• SPI/QSPI™/MICROWIRE®/DSP-Compatible
• 3mm x 5mm, Tiny 10-Pin µMAX Package
Selector Guide and Ordering Information appear at end of
data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corporation.
14-Bit to 18-Bit SAR ADC Family
14-BIT
500ksps
16-BIT
250ksps
16-BIT
500ksps
18-BIT
500ksps
±
5V Input
Internal
Reference
—
MAX11167
MAX11169
MAX11166
MAX11168
MAX11156
MAX11158
0 to 5V Input
Internal
Reference
—
MAX11161
MAX11165
MAX11160
MAX11164
MAX11150
MAX11154
0 to 5V Input
External
Reference
MAX11262 MAX11163
MAX11162 MAX11152
VOVDD
(2.3V TO 5V)
VDD
(5V)
AIN+
REF
HOST
CONTROLLER
10µF
4.7nF
MAX11161
INTERNAL
REFERENCE
REF
BUF
GND
16-BIT ADC
AIN-
MAX9632
INTERFACE AND CONTROL
CNVST
SDO
SDI
SCLK
1µF
1µF
0 TO
5V
10Ω
Typical Operating Circuit
MAX11161
16-Bit, 250ksps, +5V SAR ADC with
Internal Reference in µMAX
19-7631; Rev 0; 5/15
EVALUATION KIT AVAILABLE


Similar Part No. - MAX11161

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11161 MAXIM-MAX11161 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11161 MAXIM-MAX11161 Datasheet
865Kb / 26P
500ksps Throughput Rates Without Pipeline
Rev 0; 1/15
MAX11161 MAXIM-MAX11161 Datasheet
6Mb / 33P
High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
Rev 0; 5/15
More results

Similar Description - MAX11161

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11166 MAXIM-MAX11166 Datasheet
1Mb / 33P
16-Bit, 500ksps/250ksps, ±5V SAR ADCs with Internal Reference in TDFN
Rev 1; 12/12
MAX11150 MAXIM-MAX11150 Datasheet
853Kb / 26P
18-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11160 MAXIM-MAX11160 Datasheet
837Kb / 26P
16-Bit, 500ksps, 5V SAR ADC with Internal Reference in 關MAX
2015
MAX11163 MAXIM-MAX11163 Datasheet
832Kb / 26P
16-Bit, 250ksps, 5V Unipolar Input, SAR ADC, in Tiny 10-Pin 關MAX
2016
MAX11164 MAXIM-MAX11164 Datasheet
1,010Kb / 28P
16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11165 MAXIM-MAX11165 Datasheet
934Kb / 28P
Bit, 250ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
2015
MAX11166 MAXIM-MAX11166_V01 Datasheet
1Mb / 28P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11167 MAXIM-MAX11167 Datasheet
997Kb / 28P
16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in TDFN
2015
MAX11168 MAXIM-MAX11168 Datasheet
918Kb / 27P
16-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
MAX11169 MAXIM-MAX11169 Datasheet
814Kb / 26P
16-Bit, 250ksps, 짹5V SAR ADC with Internal Reference in 關MAX
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com