Electronic Components Datasheet Search
  English  ▼

X  

MAX11164 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11164
Description  16-Bit, 500ksps, 0 to 5V SAR ADC with Internal Reference in TDFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11164 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11164 Datasheet HTML 1Page - Maxim Integrated Products MAX11164 Datasheet HTML 2Page - Maxim Integrated Products MAX11164 Datasheet HTML 3Page - Maxim Integrated Products MAX11164 Datasheet HTML 4Page - Maxim Integrated Products MAX11164 Datasheet HTML 5Page - Maxim Integrated Products MAX11164 Datasheet HTML 6Page - Maxim Integrated Products MAX11164 Datasheet HTML 7Page - Maxim Integrated Products MAX11164 Datasheet HTML 8Page - Maxim Integrated Products MAX11164 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500ksps, Reference Mode 3, VREF = 4.096V; TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Maxim Integrated │ 4
MAX11164
16-Bit, 500ksps, 0 to 5V SAR ADC with
Internal Reference in TDFN
www.maximintegrated.com
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SAMPLING DYNAMICS
Throughput Sample Rate
500
ksps
Transient Response
Full-scale step
400
ns
Full-Power Bandwidth
-3dB point
6
MHz
-0.1dB point
> 0.2
Aperture Delay
2.5
ns
Aperture Jitter
< 50
psRMS
POWER SUPPLIES
Analog Supply Voltage
VDD
4.75
5.25
V
Interface Supply Voltage
VOVDD
2.3
5.25
V
Analog Supply Current
IVDD
Reference modes 0 and 1
5.0
5.7
6.75
mA
Reference modes 2 and 3
2.9
3.2
3.5
VDD Shutdown Current
0.01
10
µA
Interface Supply Current (Note 9)
IOVDD
VOVDD = 2.3V
1.5
2.0
mA
VOVDD = 5.25V
4.0
5.0
OVDD Shutdown Current
0.08
10
µA
Power Dissipation
VDD = 5V, VOVDD = 3.3V,
reference mode = 2, 3
23.7
mW
VDD = 5V, VOVDD = 3.3V,
reference mode = 0, 1
33.3
DIGITAL INPUTS (DIN, SCLK, CNVST)
Input Voltage High
VIH
0.7 x
VOVDD
V
Input Voltage Low
VIL
0.3 x
VOVDD
V
Input Hysteresis
VHYS
±0.05 x VOVDD
V
Input Capacitance
CIN
10
pF
Input Current
IIN
VIN = 0V or VOVDD
-10
+10
µA
DIGITAL OUTPUT (DOUT)
Output Voltage High
VOH
ISOURCE = 2mA
VOVDD -
0.4
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
Three-State Leakage Current
-10
+10
µA
Three-State Output Capacitance
15
pF
TIMING (Note 9)
Time Between Conversions
tCYC
2
µs
Conversion Time
tCONV
CNVST rising to data available
1.3
1.5
µs
Acquisition Time
tACQ
tACQ = tCYC - tCONV
0.5
µs
CNVST Pulse Width
tCNVPW
CS mode
5
ns
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com