Electronic Components Datasheet Search
  English  ▼

X  

ADP7112 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP7112
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7112 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP7112 Datasheet HTML 2Page - Analog Devices ADP7112 Datasheet HTML 3Page - Analog Devices ADP7112 Datasheet HTML 4Page - Analog Devices ADP7112 Datasheet HTML 5Page - Analog Devices ADP7112 Datasheet HTML 6Page - Analog Devices ADP7112 Datasheet HTML 7Page - Analog Devices ADP7112 Datasheet HTML 8Page - Analog Devices ADP7112 Datasheet HTML 9Page - Analog Devices ADP7112 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ADP7112
Data Sheet
Rev. D | Page 6 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
ADP7112
1
A
B
C
VIN
SS
EN
GND
2
BALL A1
INDICATOR
SENSE/
ADJ
VOUT
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin
Mnemonic
Description
A1
VIN
Regulator Input Supply. Bypass VIN to GND with a 2.2 μF or greater capacitor.
B1
SS
Soft Start. An external capacitor connected to this pin determines the soft start time. Leave this pin open
for a typical 380 μs start-up time. Do not ground this pin.
C1
EN
The enable pin controls the operation of the LDO. Drive EN high to turn on the regulator. Drive EN low
to turn off the regulator. For automatic startup, connect EN to VIN.
A2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 2.2 μF or greater capacitor.
B2
SENSE/ADJ
Sense Input (SENSE). Connect to load.
Adjustable Model (ADJ). The adjustable model has a fixed output set to 1.2 V. The output can be set to a
voltage higher than 1.2 V by connecting an external resistor divider to the ADJ pin.
C2
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com