Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC7130
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7130 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC7130 Datasheet HTML 3Page - Analog Devices LTC7130 Datasheet HTML 4Page - Analog Devices LTC7130 Datasheet HTML 5Page - Analog Devices LTC7130 Datasheet HTML 6Page - Analog Devices LTC7130 Datasheet HTML 7Page - Analog Devices LTC7130 Datasheet HTML 8Page - Analog Devices LTC7130 Datasheet HTML 9Page - Analog Devices LTC7130 Datasheet HTML 10Page - Analog Devices LTC7130 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC7131-1
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Margining
VOUT Short Circuit and Recovery
Hiccup Mode Enabled
VOUT Short Circuit and Recovery
Hiccup Mode Disabled
Load Regulation
Line Regulation
IREF vs Temperature
IREF vs Input Voltage
Die Temperature vs Load
Oscillator Frequency vs RT
MARGIN REGISTERS PRE–LOADED
TO –10% and 10%
CSLEW = 56pF
1ms/DIV
VOUT
2V/DIV
200mV/DIV
CSLEW
MARGIN
1V/DIV
7131-1 G10
25mΩ SHORT
10ms/DIV
TRACK/SS
2V/DIV
VOUT
1V/DIV
IL
20A/DIV
7131-1 G11
25mΩ SHORT
10ms/DIV
TRACK/SS
2V/DIV
VOUT
1V/DIV
IL
20A/DIV
7131-1 G12
VIN = 12V
VOUT = 1.0V
fSW = 500kHz
LOAD CURRENT (A)
0
5
10
15
20
25
–0.15
–0.10
–0.05
0.00
0.05
7131-1 G13
VIN = 12V
VOUT = 1.0V
fSW = 500kHz
INPUT VOLTAGE (V)
5
8
11
14
17
20
–0.10
–0.05
0
0.05
0.10
7131-1 G14
TEMPERATURE (°C)
–50
0
50
100
150
99.8
99.9
100.0
100.1
100.2
7131-1 G15
INPUT VOLTAGE (V)
0
5
10
15
20
–0.10
–0.05
0
0.05
0.10
7131-1 G16
DC2824A DEMOBOARD
NO HEATSINK, STILL AIR
VOUT = 1V, TA = 25°C
VIN = 12V, fSW = 1MHz
VIN = 12V, fSW = 500kHz
VIN = 18V, fSW = 500kHz
VIN = 12V, DCM
LOAD CURRENT (A)
0
5
10
15
20
25
20
40
60
80
7131-1 G17
RT (kΩ)
5
10
100
0.1
1
2
7131-1 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com