Electronic Components Datasheet Search
  English  ▼

X  

2000-511 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 2000-511
Description  TOPJOB짰S L-type test plug module; modular; for jumper contact slot
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

2000-511 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  2000-511 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 4Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 5Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 6Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 7Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 8Page - WAGO Kontakttechnik GmbH & Co. KG 2000-511 Datasheet HTML 9Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data sheet | Item number: 2000-511
www.wago.com/2000-511
Subject to changes. Please also observe the further product documentation!
WAGO GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
24.11.2021    Page /
2 9
Electrical data
Ratings per IEC/EN
Nominal voltage (III/3)
500 V
 
Rated surge voltage (III/3)
6 kV
 
Rated current
13.5 A
 
Legend (ratings)
(III / 3) ≙ Overvoltage category III / Pollution degree 3
Ratings per UL
Approvals per
UL 1059
Rated voltage UL (Use Group B)
600 V
 
Rated current UL (Use Group B)
10 A
 
Rated voltage UL (Use Group C)
600 V
 
Rated current UL (Use Group C)
10 A
 
Ratings per CSA
Approvals per
C22.2 No 158
Rated voltage CSA (Use Group B)
300 V
 
Rated current CSA (Use Group B)
10 A
 
Rated voltage CSA (Use Group C)
300 V
 
Rated current CSA (Use Group C)
10 A
 
Connection data
Total number of connection points
1
Total number of potentials
1
Connection 1
Connection technology
Push-in CAGE CLAMP
®
Actuation type
Operating tool
Connectable conductor materials
Copper
Nominal cross-section
1 mm²
Solid conductor
0.14 … 1.5 mm² / 24 … 16 AWG
Solid conductor; push-in termination
0.5 … 1.5 mm² / 20 … 16 AWG
Fine-stranded conductor
0.14 … 1.5 mm² / 24 … 16 AWG
Fine-stranded conductor; with insulated ferrule
0.14 … 0.75 mm² / 24 … 18 AWG
Fine-stranded conductor; with ferrule; push-in termination
0.5 … 0.75 mm² / 20 … 18 AWG



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com