Electronic Components Datasheet Search
  English  ▼

X  

GCS1794 Datasheet(PDF) 3 Page - IOGEAR

Part # GCS1794
Description  4-Port HDMI Multimedia KVMP Switch with Audio (TAA Compliance)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IOGEAR [IOGEAR]
Direct Link  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GCS1794 Datasheet(HTML) 3 Page - IOGEAR

  GCS1794 Datasheet HTML 1Page - IOGEAR GCS1794 Datasheet HTML 2Page - IOGEAR GCS1794 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications
Function
GCS1794
Computer Connections
Direct
4
Port Selection
Hotkeys or Front Panel Switch Button
Console Connectors
Keyboard
1 x USB Type A Female
Mouse
1 x USB Type A Female
Monitor
1 x HDMI Type A Female
Audio
2 x Mini Stereo Jack Female (Green; 1 x
Front Panel, 1 x Rear Panel); through HDMI
Type A Female if CPU's audio is sending
through HDMI port along with Video
Microphone
2 x Mini Stereo Jack Female (Pink; 1 x Front
Panel, 1 x Rear Panel)
Flash ROM Upgrade
1 x 4-conductor 3.5mm Jack (Black)
CPU Connectors
Keyboard & Mouse
4 x USB Type B Female
Monitor
4 x HDMI Type A Female
Audio
4 x Mini Stereo Jack Female (Green)
Microphone
4 x Mini Stereo Jack Female (Pink)
Connectors
USB
2 x USB 2.0 Type A Female (1 x Front Panel,
1 x Rear Panel)
Power
1 x DC Jack
LEDs
USB Peripherals
4 (Green)
On Line
4 (Orange)
Emulation
Keyboard
USB
Mouse
USB
Video Resolution
Up to 1920 x 1080 @ 60Hz / 1920 x 1200 @
60Hz
Scan Interval
1~99 seconds
Power
Voltage
5.3V
Amps
2.4A
Environment
Operation Temperature
0~50?C
Storage Temperature
-20~60?C
Humidity
0~80%; Non-condensing
Housing
Case
Metal
Dimensions
GCS1794
Unit Dimensions
Width
10.25in.
Height
1.625in.
Depth
3in.
Unit Package Dimensions
Width
13in.
Height
8.5in.
Depth
4in.
Master Carton
Width
13in.
Height
9.5in.
Depth
13.625in.
Master Carton Qty.
3
Weight
Master Carton Wt.
17.76lb
Unit Pack Wt.
5.48lb
Unit Wt. w/accessories
4.72lb
Unit Wt.
1.88lb



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com