Electronic Components Datasheet Search
  English  ▼

X  

MAX4614CSD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4614CSD
Description  Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4614CSD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4614CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
(V+ = +2.5V, VINH = 0.7VCC, VINL = 0.5V, TA = TMIN to TMAX, unless otherwise noted.) (Note 2)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4: ∆RON = RON (max) - RON (min).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-Isolation = 20log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.
Note 8: Between any two switches.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
(Note 3)
VCOM_,
VNO_,
VNC_
0
V+
V
COM_ to NO_ or NC_
On-Resistance
RON
V+ = 2.5V,
ICOM_ = 10mA,
VNO = 1.2V
TA = +25°C
30
60
Ω
TA = TMIN to TMAX
100
SWITCH DYNAMIC (Note 3)
Turn-On Time
tON
VNO_ or VNC_ = 1V, TA = +25°C
6.5
ns
Turn-Off Time
tOFF
VNO_ or VNC_ = 1V, TA = +25°C
2.8
ns
www.analog.com
Analog Devices │ 5
MAX4614/MAX4615/
MAX4616
Low-Voltage, High-Speed, Quad,
SPST CMOS Analog Switches
Electrical Characteristics—Single +2.5V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com