Electronic Components Datasheet Search
  English  ▼

X  

MAX11903 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11903
Description  18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11903 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11903 Datasheet HTML 1Page - Maxim Integrated Products MAX11903 Datasheet HTML 2Page - Maxim Integrated Products MAX11903 Datasheet HTML 3Page - Maxim Integrated Products MAX11903 Datasheet HTML 4Page - Maxim Integrated Products MAX11903 Datasheet HTML 5Page - Maxim Integrated Products MAX11903 Datasheet HTML 6Page - Maxim Integrated Products MAX11903 Datasheet HTML 7Page - Maxim Integrated Products MAX11903 Datasheet HTML 8Page - Maxim Integrated Products MAX11903 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
REFVDD, REF, REFIN, OVDD to GND ..................-0.3V to +4V
AVDD, DVDD to GND .............................................-0.3V to +2V
DGND to AGND, REFGND ..................................-0.3V to +0.3V
AIN+, AIN- to GND ...... -0.3V to the lower of (VREF + 0.3V) and
+4V or ±130mA
SCLK, DIN, DOUT, CNVST, to GND........... -0.3V to the lower of
(VOVDD + 0.3V) and +4V
Maximum Current into Any Pin...........................................50mA
Continuous Power Dissipation (TA = +70°C)
TQFN (derate 30.30mW/°C above +70°C).............2424.2mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
TQFN
Junction-to-Ambient Thermal Resistance (θJA).... ......33°C/W
Junction-to-Case Thermal Resistance (θJC) ............... 2°C/W
(Note 1)
(fSAMPLE = 1.6Msps, VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.5V to 3.6V, VREFVDD = 3.6V, VREF = 3.3V, Internal Ref Buffers On,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG INPUT
Input Voltage Range (Note 3)
(AIN+) - (AIN-)
-VREF
+VREF
V
Absolute Input Voltage Range
AIN+, AIN- relative to AGND
-0.1
VREF +
0.1
V
Common-Mode Input Range
[(AIN+) + (AIN-)]/2
VREF/2 -
0.1
VREF/2
VREF/2
+ 0.1
V
Input Leakage Current
Acquisition phase
-1
0.001
+1
µA
Input Capacitance
32
pF
STATIC PERFORMANCE (Note 4)
Resolution
N
18
Bits
Resolution
LSB
VREF = 3.3V
25.2
µV
No Missing Codes
18
Bits
Offset Error (Note 4)
-4
±1
+4
LSB
Offset Temperature Coefficient
±0.004
LSB/°C
Gain Error
Referred to REFIN reference input
-50
±5
+50
LSB
Gain Error Temperature
Coefficient (Note 5)
Referred to REFIN reference input
±0.05
LSB/°C
Gain Error
Referred to REF pins
-12
±4
+12
LSB
Gain Error Temperature
Coefficient (Note 5)
Referred to REF pins
±0.04
LSB/°C
Integral Nonlinearity
INL
-2
±0.5
+2
LSB
www.maximintegrated.com
Maxim Integrated │ 4
MAX11903
18-Bit, 1.6Msps, Low-Power,
Fully Differential SAR ADC
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com