Electronic Components Datasheet Search
  English  ▼

X  

MAX11960 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11960
Description  Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11960 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11960 Datasheet HTML 1Page - Maxim Integrated Products MAX11960 Datasheet HTML 2Page - Maxim Integrated Products MAX11960 Datasheet HTML 3Page - Maxim Integrated Products MAX11960 Datasheet HTML 4Page - Maxim Integrated Products MAX11960 Datasheet HTML 5Page - Maxim Integrated Products MAX11960 Datasheet HTML 6Page - Maxim Integrated Products MAX11960 Datasheet HTML 7Page - Maxim Integrated Products MAX11960 Datasheet HTML 8Page - Maxim Integrated Products MAX11960 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
(fSAMPLE = 1Msps, VAVDD = 1.8V, VDVDD = 1.8V, VOVDD = 1.5V to 3.6V, VREFVDD = 3.6V, VREF = 3.3V, Internal Ref Buffers On,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Aperture Delay
Time delay from CNVST_ rising edge
to time at which sample is taken for
conversion
1
ns
Aperture Jitter
3
psRMS
POWER SUPPLIES
Analog Supply Voltage
AVDD
1.7
1.8
1.9
V
Digital Supply Voltage
DVDD
1.7
1.8
1.9
V
Reference Buffer Supply
Voltage
REFVDD
2.7
3.3
3.6
V
Interface Supply Voltage
OVDD
1.5
3.6
V
Analog Supply Current
IAVDD
VAVDD = 1.8V
3.8
4.8
mA
Digital Supply Current
IDVDD
VDVDD = 1.8V
3.0
3.6
mA
Reference Buffer Supply
Current
IREFVDD
VREFVDD = 3.6V, internal buffers
enabled
6
7.2
mA
Reference Buffer Supply
Current
IREFVDD
VREFVDD = 3.6V, internal buffers
powered down
0.4
mA
Interface Supply Current
(Note 9)
IOVDD
VOVDD = 1.5V
0.54
mA
VOVDD = 3.6V
2
Shutdown Current
For AVDD, DVDD, REFVDD
2
µA
Shutdown Current
For DVDD
2
µA
Power Dissipation
VAVDD = 1.8V, VDVDD = 1.8V,
VREFVDD = 3.3V, internal reference
buffers disabled
13.56
16.44
mW
DIGITAL INPUTS (DIN_, SCLK, CNVST_)
Input Voltage High
VIH
VOVDD = 1.5V to 3.6V
0.7 x
VOVDD
V
Input Voltage Low
VIL
VOVDD = 1.5V to 3.6V
0.3 x
VOVDD
V
Input Capacitance
CIN
10
pF
Input Current
IIN
VIN = 0V or VOVDD
1
µA
DIGITAL OUTPUTS (DOUT_)
Output Voltage High
VOH
ISOURCE = 2mA
VOVDD -
0.4
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
MAX11960
Dual Simultaneous Sampling, 20-Bit, 1Msps,
Differential SAR ADC
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com