Electronic Components Datasheet Search
  English  ▼

X  

MAX12558 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12558
Description  Dual, 80Msps, 14-Bit, IF/Baseband ADC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12558 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12558 Datasheet HTML 1Page - Maxim Integrated Products MAX12558 Datasheet HTML 2Page - Maxim Integrated Products MAX12558 Datasheet HTML 3Page - Maxim Integrated Products MAX12558 Datasheet HTML 4Page - Maxim Integrated Products MAX12558 Datasheet HTML 5Page - Maxim Integrated Products MAX12558 Datasheet HTML 6Page - Maxim Integrated Products MAX12558 Datasheet HTML 7Page - Maxim Integrated Products MAX12558 Datasheet HTML 8Page - Maxim Integrated Products MAX12558 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Dual, 80Msps, 14-Bit, IF/Baseband ADC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, OVDD = 2.0V, GND = 0, REFIN = REFOUT (internal reference), CL
≈ 10pF at digital outputs, VIN = -1dBFS (differential),
DIFFCLK/SECLK = OVDD, PD = GND, SHREF = GND, DIV2 = GND, DIV4 = GND, G/T = GND, fCLK = 80MHz (50% duty cycle), TA =
-40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Overdrive Recovery Time
±10% beyond full scale
1
Clock
Cycle
INTERCHANNEL CHARACTERISTICS
fINA or fINB = 70MHz at -1dBFS
95
Crosstalk Rejection
fINA or fINB = 175MHz at -1dBFS
87
dB
Gain Matching
±0.01
±0.1
dB
Offset Matching
±0.01
%FSR
INTERNAL REFERENCE (REFOUT)
REFOUT Output Voltage
VREFOUT
2.000
2.048
2.080
V
REFOUT Load Regulation
-1mA < IREFOUT < +1mA
35
mV/mA
REFOUT Temperature Coefficient
TCREF
±50
ppm/°C
Short to VDD—sinking
0.24
REFOUT Short-Circuit Current
Short to GND—sourcing
2.1
mA
BUFFERED REFERENCE MODE (REFIN is driven by REFOUT or an external 2.048V single-ended reference source;
VREFAP/VREFAN/VCOMA and VREFBP/VREFBN/VCOMB are generated internally)
REFIN Input Voltage
VREFIN
2.048
V
REFIN Input Resistance
RREFIN
> 50
M
Ω
COM_ Output Voltage
VCOMA
VCOMB
VCOM_ = VDD / 2
1.60
1.65
1.70
V
REF_P Output Voltage
VREFAP
VREFBP
VREF_P = VDD / 2 + (VREFIN x 3/8)
2.418
V
REF_N Output Voltage
VREFAN
VREFBN
VREF_N = VDD / 2 - (VREFIN x 3/8)
0.882
V
Differential Reference Voltage
VREFA
VREFB
VREF_ = VREF_P - VREF_N
1.456
1.536
1.595
V
Differential Reference
Temperature Coefficient
TCREF
±25
ppm/°C
UNBUFFERED EXTERNAL REFERENCE (REFIN = GND, VREFAP/VREFAN/VCOMA and VREFBP/VREFBN/VCOMB are applied
externally, VCOMA = VCOMB = VDD / 2)
REF_P Input Voltage
VREFAP
VREFBP
VREF_P - VCOM_
+0.768
V
REF_N Input Voltage
VREFAN
VREFBN
VREF_N - VCOM_
-0.768
V
COM_ Input Voltage
VCOM_
VCOM_ = VDD / 2
1.65
V
Differential Reference Voltage
VREFA
VREFB
VREF_ = VREF_P - VREF_N = VREFIN x 3/4
1.536
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com