Electronic Components Datasheet Search
  English  ▼

X  

537149 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 537149
Description  Filter regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

537149 Datasheet(HTML) 1 Page - Festo Corporation.

  537149 Datasheet HTML 1Page - Festo Corporation. 537149 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filter regulator
MS12-LFR-G-D7-EUV-LD-AS
Part number: 537149
Data sheet
Feature
Value
Size
12
Series
MS
Actuator lock
Rotary knob with detent
can be closed with accessories
Mounting position
Vertical +/- 5°
Grade of filtration
40 µm
Condensate drain
Fully automatic
Manual, non-detenting
Structural design
Filter regulator with pressure gauge
Sinter filter with centrifugal separator
Sinter filter with centrifugal separator
with condensate drain
with condensate drain
with secondary exhausting
with secondary exhausting
Modular
Modular
Pilot-controlled diaphragm regulator
Pilot-controlled diaphragm regulator
Max. condensate volume
400 ml
Controller function
Outlet pressure constant
With primary pressure compensation
With secondary exhausting
With return flow function
Bowl guard
Integrated as metal bowl guard
Symbol
00991587
Pressure gauge
with pressure gauge
Operating pressure
2 bar ... 12 bar
Pressure regulation range
0.5 bar ... 12 bar
Max. pressure hysteresis
0.4 bar
Flow rate of secondary venting
500 l/min
Standard nominal flow rate
12000 l/min ... 17000 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:-]
Inert gas
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Storage temperature
-10 °C ... 60 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Temperature of medium
5 °C ... 60 °C
Ambient temperature
5 °C ... 60 °C
Product weight
7000 g
2/24/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 537149

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
537143 FESTO-537143 Datasheet
76Kb / 1P
Filter cartridge
3/10/22
537144 FESTO-537144 Datasheet
54Kb / 1P
Filter cartridge
3/10/22
537145 FESTO-537145 Datasheet
59Kb / 1P
Fine filter cartridge
3/10/22
537146 FESTO-537146 Datasheet
54Kb / 1P
Micro filter cartridge
3/10/22
537147 FESTO-537147 Datasheet
62Kb / 1P
Active carbon filter cartridge
3/10/22
More results

Similar Description - 537149

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529145 FESTO-529145 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529146 FESTO-529146 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529151 FESTO-529151 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529158 FESTO-529158 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529159 FESTO-529159 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529162 FESTO-529162 Datasheet
89Kb / 2P
Filter regulator
2/10/22
529172 FESTO-529172 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529174 FESTO-529174 Datasheet
88Kb / 2P
Filter regulator
2/10/22
535720 FESTO-535720 Datasheet
87Kb / 2P
Filter regulator
2/10/22
529191 FESTO-529191 Datasheet
87Kb / 2P
Filter regulator
2/15/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com