Electronic Components Datasheet Search
  English  ▼

X  

1505326 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1505326
Description  Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1505326 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1505326 Datasheet HTML 1Page - PHOENIX CONTACT 1505326 Datasheet HTML 2Page - PHOENIX CONTACT 1505326 Datasheet HTML 3Page - PHOENIX CONTACT 1505326 Datasheet HTML 4Page - PHOENIX CONTACT 1505326 Datasheet HTML 5Page - PHOENIX CONTACT 1505326 Datasheet HTML 6Page - PHOENIX CONTACT 1505326 Datasheet HTML 7Page - PHOENIX CONTACT 1505326 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/pi/products/1505326
09/11/2020   Page 2 / 8
Sensor/actuator cable - SAC-3P- 5,0-PVC/M12FR-2L - 1505326
Technical data
General
Insertion/withdrawal cycles
≥ 100
Material
Flammability rating according to UL 94
HB
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
TPU GF
Material of grip body
TPU, hardly inflammable, self-extinguishing
Material, knurls
Zinc die-cast, nickel-plated
Sealing material
NBR
Standards and Regulations
Flammability rating according to UL 94
HB
Cable
Cable type
PVC black
Cable type (abbreviation)
PVC
Cable abbreviation
LiYY
UL AWM style
2464 / 1729 (80°C/300 V)
Conductor cross section
3x 0.34 mm² (Signal line)
AWG signal line
22
Conductor structure signal line
19x 0.15 mm
Core diameter including insulation
1.26 mm ±0.05 mm
Thickness, insulation
≥ 0.23 mm (Core insulation)
Wire colors
brown, blue, black
Overall twist
3 wires, twisted
External sheath, color
black RAL 9005
Outer sheath thickness
≥ 0.76 mm
External cable diameter D
4.3 mm ±0.2 mm
Minimum bending radius, fixed installation
5 x D
Minimum bending radius, flexible installation
10 x D
Cable weight
40 kg/km
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 100 MΩ*km (at 20 °C)
Conductor resistance
max. 57 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V
Test voltage, cable
≥ 2500 V
Flame resistance
As per UL-Style 2464
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-25 °C ... 80 °C (cable, flexible installation)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com