Electronic Components Datasheet Search
  English  ▼

X  

RM35TF30SP01 Datasheet(PDF) 2 Page - Schneider Electric

Part # RM35TF30SP01
Description  multifunction phase control relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RM35TF30SP01 Datasheet(HTML) 2 Page - Schneider Electric

  RM35TF30SP01 Datasheet HTML 1Page - Schneider Electric RM35TF30SP01 Datasheet HTML 2Page - Schneider Electric RM35TF30SP01 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Operating position
Any position without
Connections - terminals
Screw terminals 1 x 0.5...1 x 4 mm² - AWG 20...AWG 11, solid cable without ca-
ble end
Screw terminals 2 x 0.5...2 x 2.5 mm² - AWG 20...AWG 14, solid cable without
cable end
Screw terminals 1 x 0.2...1 x 2.5 mm² - AWG 24...AWG 12, flexible cable with ca-
ble end
Screw terminals 2 x 0.2...2 x 1.5 mm² - AWG 24...AWG 16, flexible cable with ca-
ble end
Tightening torque
5.31...8.85 lbf.in (0.6...1 N.m) conforming to IEC 60947-1
Housing material
Self-extinguishing plastic
Local signalling
LED green power ON
LED yellow relay ON
LED yellow fault
Mounting support
35 mm symmetrical DIN rail conforming to EN/IEC 60715
Electrical durability
100000 cycles
Mechanical durability
<= 30000000 cycles
Operating rate
<= 360 operations/hour under full load
Utilisation category
AC-12 conforming to IEC 60947-5-1
AC-13 conforming to IEC 60947-5-1
AC-14 conforming to IEC 60947-5-1
AC-15 conforming to IEC 60947-5-1
DC-12 conforming to IEC 60947-5-1
DC-13 conforming to IEC 60947-5-1
Safety reliability data
MTTFd = 399.5 years
B10d = 360000
Width
1.38 in (35 mm)
Product weight
0.29 lb(US) (0.13 kg)
Environment
Electromagnetic compatibility
Emission standard for industrial environments conforming to EN/IEC 61000-6-4
Emission standard for residential, commercial and light-industrial environments
conforming to EN/IEC 61000-6-3
Immunity for industrial environments conforming to EN/IEC 61000-6-2
Standards
EN/IEC 60255-1
Product certifications
CSA
C-Tick
GL
GOST
UL
Directives
89/336/EEC - electromagnetic compatibility
73/23/EEC - low voltage directive
Ambient air temperature for storage
-40...158 °F (-40...70 °C)
Ambient air temperature for operation
-4...122 °F (-20...50 °C)
Relative humidity
95 % at 131 °F (55 °C) conforming to IEC 60068-2-30
Vibration resistance
0.35 mm (f = 5...57.6 Hz) conforming to IEC 60068-2-6
1 gn (f = 57.6...150 Hz) conforming to IEC 60255-21-1
Shock resistance
15 gn 11 ms conforming to IEC 60255-21-1
IP degree of protection
IP20(Terminals) conforming to IEC 60529
IP30 (casing) conforming to IEC 60529
Pollution degree
3 conforming to IEC 60664-1
Dielectric test voltage
2 kV 1 min AC 50 Hz
Non-dissipating shock wave
4 kV
Ordering and shipping details
Category
22380 - RELAYS-MEASUREMENT (RM17-RM35)
Discount Schedule
CP2
GTIN
00785901739647
Nbr. of units in pkg.
1
Package weight(Lbs)
0.28000000000000003
Returnability
N
Country of origin
ID



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com