Electronic Components Datasheet Search
  English  ▼

X  

MAX40075 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40075
Description  10MHz/42MHz Low Noise, Low Bias Op-Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40075 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40075 Datasheet HTML 1Page - Maxim Integrated Products MAX40075 Datasheet HTML 2Page - Maxim Integrated Products MAX40075 Datasheet HTML 3Page - Maxim Integrated Products MAX40075 Datasheet HTML 4Page - Maxim Integrated Products MAX40075 Datasheet HTML 5Page - Maxim Integrated Products MAX40075 Datasheet HTML 6Page - Maxim Integrated Products MAX40075 Datasheet HTML 7Page - Maxim Integrated Products MAX40075 Datasheet HTML 8Page - Maxim Integrated Products MAX40075 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(VDD=+5V, VSS=0V, VCM=2.5V, SHDN =VDD, VOUT=VDD/2, RL=tied to VDD/2, TA=-40°C to +125°C, unless otherwise noted. Typical
values are at TA = +25°C. (Note 1) )
Note 1: Limits are 100% tested at TA = +25°C. Limits over the operating temperature range and relevant supply voltage range are
guaranteed by design and characterization.
2: Guaranteed by design and bench characterization.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Shut-Down Input High level
0.7 x VDD
V
Shut-Down Input Bias
0.01
1
µA
-3dB Bandwidth
Unity-gain version, Av = +1
10
MHz
Gain of 5 stable, Av = +5
42
Phase Margin
Unity-gain version, Av = +1
70
°
Gain of 5 stable, Av = +5
80
Gain Margin
12
dB
Slew Rate
Unity-gain version, Av = +1
3
V/µs
Gain of 5 stable, Av = +5
10
Settling Time
Unity-gain version, Av = +1, to 0.01%,
VOUT = 2V step
2
µs
Gain of 5 Stable, Av = +5, to 0.01%,
VOUT = 2V step
2
Stable Capacitive Load
Guaranteed stability over all conditions
50
pF
Integrated 1/f Input Voltage
Noise
0.1Hz to 10Hz
1.7
µVPP
Input Voltage Noise Density
f = 10Hz
260
nV/√Hz
f = 1kHz
5.5
f = 30kHz
4.2
Input Current Noise Density
f = 1kHz
0.5
fA/√Hz
Total Harmonic Distortion +
Noise
Unity-gain version, Av = +1, VOUT = 4VPP,
10kΩ to GND, 1kHz
-114.0
dBc
Unity-gain version, Av = +1, VOUT = 4VPP,
10kΩ to GND, 20kHz
-103.1
Unity-gain version, Av = +1, VOUT = 4VPP,
1kΩ to GND, 1kHz
-114.0
Unity-gain version, Av = +1, VOUT = 4VPP,
1kΩ to GND, 20kHz
-100.0
Gain of 5 version, Av = +5, VOUT = 4VPP,
10kΩ to GND, 1kHz
-108.0
Gain of 5 version, Av = +5, VOUT = 4VPP,
10kΩ to GND, 20kHz
-110
Gain of 5 version, Av = +5, VOUT = 4VPP,
1kΩ to GND, 1kHz
-106.0
Gain of 5 version, Av = +5, VOUT = 4VPP,
1kΩ to GND, 20kHz
-110
Electromagnetic
Interference Rejection Ratio
VRF_PP = 100mV, F = 900MHz to 2400MHz
55
dB
Electrical Characteristics (continued)
www.maximintegrated.com
Maxim Integrated │ 4
MAX40075/MAX40088
10MHz/42MHz Low Noise, Low Bias Op-Amps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com