Electronic Components Datasheet Search
  English  ▼

X  

MAX40080 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX40080
Description  Precision, Fast Sample-Rate, Digital Current-Sense Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40080 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX40080 Datasheet HTML 17Page - Maxim Integrated Products MAX40080 Datasheet HTML 18Page - Maxim Integrated Products MAX40080 Datasheet HTML 19Page - Maxim Integrated Products MAX40080 Datasheet HTML 20Page - Maxim Integrated Products MAX40080 Datasheet HTML 21Page - Maxim Integrated Products MAX40080 Datasheet HTML 22Page - Maxim Integrated Products MAX40080 Datasheet HTML 23Page - Maxim Integrated Products MAX40080 Datasheet HTML 24Page - Maxim Integrated Products MAX40080 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Detailed Description
The MAX40080 measures current and common-mode voltage and converts the data into digital form. It is an I2C-
compatible two-wire serial interface that allows access to conversion results. Standard I2C commands allow reading
the data and configuring other operating characteristics. While reading the current/voltage registers, any changes in
measured current and voltage are ignored until the read is completed. The current/voltage register is updated for the new
measurement upon completion of the read operation.
I2C-Compliant and SMBus-Compatible Bus Interface
A standard I2C-compliant 2-wire serial interface reads current/voltage data from the current and voltage registers. It
also reads and writes control bits to/from the configuration registers. In addition, the interface supports useful SMBus
functions, including selectable Packet Error Checking (PEC). SMBus timeout is not supported which makes this SMBus
interface, compatible but not fully compliant.
SCL
SDA
STOP
START
tBUF
tHD:STA
tLOW
tR
tHD:DAT
tF
tHIGH
tSU:DAT
tSU:STA
tHD:STA
REPEATED
START
tSP
tSU:STO
Figure 1. I2C/SMBus Timing Diagram
Normal transactions consist of 2-byte writes and reads. However, some registers are single-byte read and one register
is 4-byte read. An additional byte will be appended when PEC is enabled. Attempting longer transactions is not
recommended. A transaction always begins with a START (S) condition followed by the slave address and the Write/
Read bit.
A 2-byte write transaction (Write Word) begins with the master generating a START condition and then transmitting the
MAX40080's slave address followed by the Write bit. The device acknowledges with an ACK (A) bit, and the master
transmits the target register, followed by another ACK from the MAX40080. The master then writes the two data bytes,
and the MAX40080 ACKs each. The master ends the transaction by generating a STOP (P) condition. Writing more bytes
(not recommended) will simply overwrite the register (e.g., DATA LOW - DATA HIGH - DATA LOW - DATA HIGH for a
4-byte write).
DIRECTION
M
BITS
7
1
8
CONTENT
SLAVE ADDRESS
A
REGISTER SELECT
1
S
1
WR
M
M
1
A
S
M
S
S
M
S
S
S
M
8
DATA BYTE [7:0]
M
1
A
S
S
M
8
DATA BYTE [15:8]
M
1
A
S
1
P
M
S
M
S
Figure 2. 2-Byte Write (Write Word)
When Packet Error Checking (PEC) is enabled, the write transaction is similar, except that the PEC byte (calculated
using SLAVE ADDRESS, REGISTER ADDRESS, DATA LOW, and DATA HIGH) is appended by the master after the
MAX40080
Precision, Fast Sample-Rate,
Digital Current-Sense Amplifier
www.analog.com
Analog Devices | 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com