Electronic Components Datasheet Search
  English  ▼

X  

MAX44286 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44286
Description  Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44286 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44286 Datasheet HTML 1Page - Maxim Integrated Products MAX44286 Datasheet HTML 2Page - Maxim Integrated Products MAX44286 Datasheet HTML 3Page - Maxim Integrated Products MAX44286 Datasheet HTML 4Page - Maxim Integrated Products MAX44286 Datasheet HTML 5Page - Maxim Integrated Products MAX44286 Datasheet HTML 6Page - Maxim Integrated Products MAX44286 Datasheet HTML 7Page - Maxim Integrated Products MAX44286 Datasheet HTML 8Page - Maxim Integrated Products MAX44286 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX44286 is a zero-drift, high-side current-sense
amplifier family that offers precision, low supply cur-
rent and is available in a tiny 4-bump ultra-thin WLP of
0.78mm x 0.78mm x 0.35mm footprint. This miniature size
is of paramount for today’s applications in smartphones,
mobile accessories, notebooks, portable medical, and all
battery-operated portable devices where current monitor-
ing with precision and space are critical.
The MAX44286 has voltage output offered in four gain
versions of 25V/V, 50V/V, 100V/V, and 200V/V. These
four gain versions offer flexibility in the choice of the
sense resistor and the very low input offset voltage helps
in detecting small currents on the orders of low micro-
amps. Low power capability also offers the possibility of
minimizing power dissipation.
The MAX44286 operates with a supply voltage range
of
1.6V to 5.5V over the -40°C to +85°C temperature
range and from 1.8V to 5.5V over the -40°C to +125°C
automotive temperature range. Supply voltage for the
device is shared with the RS+ pin to fit the MAX44286 in
a 4-bump, ultra-thin WLP package.
Applications
● Power Management Systems
● Portable/Battery-Powered Systems
● Smartphones
● Mobile Accessories
● Portable Medical
● Notebook Computers and Tablets
Features and Benefits
● Ultra-Low Input Offset Voltage and Tiny Gain Error
Allow Sense Resistor to Detect Tiny Currents (nA)
• 30µV (max) Offset Voltage
• 0.23% (max) Gain Accuracy
● Low Current Consumption Saves Power
• 12.5μA ICC for 200kHz Gain Bandwidth
● Space-Saving 4-Bump WLP Package
• 0.78mm x 0.78mm x 0.35mm
● Industry-Leading Low-Power Supply Range
• 1.6V to 5.5V Input Common Mode
● Four Gain Options Offer Flexibility in Sense Resistor
Selection
• G = 25V/V (MAX44286T)
• G = 50V/V (MAX44286F)
• G = 100V/V (MAX44286H)
• G = 200V/V (MAX44286W)
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part, refer
to
www.maximintegrated.com/MAX44286.related.
P
RG
RA
RB
B2
B1
GND
MAX44286
A2
RS-
RSENSE
RS+
ILOAD
RIN
A1
OUT MAX1655
ADC
GND
LOAD
µC
VDD = 3.3V
GND
VBAT
0.1µF
GND
GND
MAX44286
Low-Power, Precision, 4-Bump WLP,
Current-Sense Amplifier
19-7369; Rev 0; 11/14
Typical Application Circuit
EVALUATION KIT AVAILABLE


Similar Part No. - MAX44286

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
638Kb / 6P
Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
logo
Analog Devices
MAX44286 AD-MAX44286 Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
Rev 0 11/14
logo
Maxim Integrated Produc...
MAX44286EVKIT MAXIM-MAX44286EVKIT Datasheet
638Kb / 6P
Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
MAX44286EVKIT# MAXIM-MAX44286EVKIT# Datasheet
638Kb / 6P
Precision Real-Time Current Monitoring
19-7371; Rev 0; 10/14
logo
Analog Devices
MAX44286FAZS+ AD-MAX44286FAZS+ Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
Rev 0 11/14
More results

Similar Description - MAX44286

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com