Electronic Components Datasheet Search
  English  ▼

X  

MAX44298 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44298
Description  Current and Voltage Sense with Power Measurement
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44298 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44298 Datasheet HTML 1Page - Maxim Integrated Products MAX44298 Datasheet HTML 2Page - Maxim Integrated Products MAX44298 Datasheet HTML 3Page - Maxim Integrated Products MAX44298 Datasheet HTML 4Page - Maxim Integrated Products MAX44298 Datasheet HTML 5Page - Maxim Integrated Products MAX44298 Datasheet HTML 6Page - Maxim Integrated Products MAX44298 Datasheet HTML 7Page - Maxim Integrated Products MAX44298 Datasheet HTML 8Page - Maxim Integrated Products MAX44298 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
(VDD = VDD1 = VDD2 = 3.3V, VISET = 0V, VSENSE = VFS/2, RSENSE = 1mΩ, VIN = 0.54V, RL = 30.1kΩ to GND, CL = 100pF, TA = 0°C
to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
MAX44298
Current and Voltage Sense with
Power Measurement
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POUT TUE
(Current Input = 5% of FSR)
20mV VSENSE range,
+25°C < TA < +85°C
3.5
8.5
% RDG
20mV VSENSE range,
0°C < TA < +85°C
12
10mV VSENSE range,
+25°C < TA < +85°C
3.5
8.5
10mV VSENSE range,
0°C < TA < +85°C
12
5mV VSENSE range,
+25°C < TA < +85°C
3.5
8.5
5mV VSENSE range,
0°C < TA < +85°C
12
POUT TUE
(Current Input = 1% of FSR)
20mV VSENSE range,
+25°C < TA < +85°C
6.1
20
% RDG
20mV VSENSE range,
0°C < TA < +85°C
22
10mV VSENSE range,
+25°C < TA < +85°C
6.1
20
10mV VSENSE range,
0°C < TA < +85°C
22
5mV VSENSE range,
+25°C < TA < +85°C
6.1
20
5mV VSENSE range,
0°C < TA < +85°C
22
POWER SENSE (POUT), OUTPUT FS = 50µA (Note 3)
Output Full-Scale Current
All three VSENSE ranges, ISET = 1
50
µA
Compliance Output Voltage
VDD – VPOUT (1% accuracy)
300
mV
POUT TUE
(Current Input between 30% and
95% of FSR)
20mV VSENSE range,
+25°C < TA < +85°C
1.5
4.5
% RDG
20mV VSENSE range,
0°C < TA < +85°C
6.5
10mV VSENSE range,
+25°C < TA < +85°C
1.5
4.5
10mV VSENSE range,
0°C < TA < +85°C
6.5
5mV VSENSE range,
+25°C < TA < +85°C
1.5
4.5
5mV VSENSE range,
0°C < TA < +85°C
6.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com