Electronic Components Datasheet Search
  English  ▼

X  

MAX9918ASA/V+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9918ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9918ASA/V+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9918ASA/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX9918ASA/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
VCC to GND ............................................................-0.3V to +6V
RS+, RS- to GND (VCC = 5V)................................-30V to +80V
RS+, RS- to GND (VCC = 0V)...........-15V to +80V (15 minutes)
Differential Input Voltage (VRS+ - VRS-)
(MAX9918/MAX9919)................................±15V (Continuous)
Differential Input Voltage
(VRS+ - VRS-) (MAX9920)...........................±5V (Continuous)
REFIN, FB, OUT to GND ......................... -0.3V to (VCC + 0.3V)
SHDN to GND .......................................................-0.3V to +20V
Output Short Circuit to VCC or GND .........................Continuous
Continuous Current into Any Pin
(Not to exceed package power dissipation) .................±20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SO-EP (derate 24.4mW/°C above +70°C) .. 1951.2mW**
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
SO-EP
Junction-to-Ambient Thermal Resistance (θJA) ..........41°C/W
Junction-to-Case Thermal Resistance (θJC).................7°C/W
**As per JEDEC51 Standard (multilayer board).
(Note 1)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
8 SO-EP
PACKAGE CODE
S8E+14
Outline Number
21-0111
Land Pattern Number
90-0151
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
52°C/W
Junction to Case (θJC)
6°C/W
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
41°C/W
Junction to Case (θJC)
7°C/W
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board.
For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Package Information
www.maximintegrated.com
Maxim Integrated │ 2
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com