Electronic Components Datasheet Search
  English  ▼

X  

MAX9920ASA/V+ Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9920ASA/V+
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920ASA/V+ Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9920ASA/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX9920ASA/V+ Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
(VCC = 5V, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics (continued)
SHUTDOWN ON/OFF DELAY
MAX9918 toc37
1V/div
4µs/div
5V/div
MAX9918, VCM = 14V
VSENSE = PS (50mV)
OUTPUT OVERDRIVE
RECOVERY (30V/V)
MAX9918 toc39
2V/div
4µs/div
200mV/div
MAX9918, VCM = 14V
VSENSE = 2 x PS
POWER-UP TIME
MAX9918 toc38
2V/div
4µs/div
5V/div
MAX9918, VCM = 14V
VSENSE = PS (50mV)
OUTPUT OVERDRIVE
RECOVERY (90V/V)
MAX9918 toc40
2V/div
4µs/div
50mV/div
MAX9918, VCM = 14V
VSENSE = 2 x PS
Maxim Integrated │ 13
www.maximintegrated.com
MAX9918/MAX9919/MAX9920
-20V to +75V Input Range,
Precision Uni-/Bidirectional,
Current-Sense Amplifiers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com