Electronic Components Datasheet Search
  English  ▼

X  

COM-11147 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-11147
Description  LED Holder - 5mm (Chrome Finish)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-11147 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-11147 Datasheet HTML 1Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LED Holder - 5mm (Chrome Finish)
COM-1 1147
   1
images are CC BY-NC-SA 3.0
Description: These plastic LED holders have a slick chrome finish and make it
possible to panel-mount your indicator lights for a clean look. These LED holders
accept a 5mm LED and mount into an 11/32" diameter hole.
10/8/2015
https://www.sparkfun.com/products/11147


Similar Part No. - COM-11147

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
More results

Similar Description - COM-11147

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL506 ETC2-PL506 Datasheet
24Kb / 1P
5mm LED Single Right Angle Holder
logo
Hammond Manufacturing L...
1427E HAMMOND-1427E Datasheet
90Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
1427L HAMMOND-1427L Datasheet
88Kb / 1P
Handle Material - CR Steel, Finish - Bright Chrome Plated
logo
List of Unclassifed Man...
AC110V ETC2-AC110V Datasheet
47Kb / 1P
Crescent 10 Chrome Finish Adjustable Wrench, Carded
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
logo
P-tec Corporation
PL523-1R12-2 P-TEC-PL523-1R12-2_14 Datasheet
30Kb / 1P
5mm LED Panel Mount Metal Holder
logo
LUMEX INC.
SSF-LXH2100HGW LUMEX-SSF-LXH2100HGW Datasheet
44Kb / 1P
T-5mm DUAL LED HOLDER
SSF-LXH2100SRD LUMEX-SSF-LXH2100SRD Datasheet
54Kb / 1P
T-5mm DUAL LED HOLDER
SSF-LXH2100YD LUMEX-SSF-LXH2100YD Datasheet
42Kb / 1P
T-5mm DUAL LED HOLDER
logo
SparkFun Electronics
COM-11148 SPARKFUN-COM-11148 Datasheet
89Kb / 1P
LED Holder - 10mm (Chrome Finish)
8/4/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com