Electronic Components Datasheet Search
  English  ▼

X  

DEV-13956 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-13956
Description  Arduino Weather Shield Hookup Guide V12
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-13956 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-13956 Datasheet HTML 1Page - SparkFun Electronics DEV-13956 Datasheet HTML 2Page - SparkFun Electronics DEV-13956 Datasheet HTML 3Page - SparkFun Electronics DEV-13956 Datasheet HTML 4Page - SparkFun Electronics DEV-13956 Datasheet HTML 5Page - SparkFun Electronics DEV-13956 Datasheet HTML 6Page - SparkFun Electronics DEV-13956 Datasheet HTML 7Page - SparkFun Electronics DEV-13956 Datasheet HTML 8Page - SparkFun Electronics DEV-13956 Datasheet HTML 9Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Arduino Weather Shield Hookup Guide V12
Weather Shield Overview
The Arduino Weather Shield from SparkFun is an easy-to-use Arduino
shield that grants you access to barometric pressure, relative humidity,
luminosity, and temperature. There are also connections to optional
sensors such as wind speed/direction, rain gauge, and GPS for location
and super accurate timing.
Things you should know about this shield:
• Uses the Si7021 sensor, MPL3115A2 barometric pressure sensor,
and ALS-PT19 light sensor.
• Has connector for the GP-735 compact GPS module
• Has optional RJ11 connector footprints to connect the SparkFun
weather meters
• Weather shield can operate from 3V to 10V and has built in voltage
regulators and signal translators
• Typical humidity accuracy of ±2%
• Typical pressure accuracy of ±50Pa
• Typical temperature accuracy of ±0.3C
Suggested Reading
• I C Protocol
SparkFun Weather Shield
 DEV-13956
2
Page 1 of 26


Similar Part No. - DEV-13956

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13955 SPARKFUN-DEV-13955 Datasheet
233Kb / 2P
SparkFun OpenLog with Headers
1??9??0
More results

Similar Description - DEV-13956

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
CEL-13120 SPARKFUN-CEL-13120 Datasheet
914Kb / 22P
Cellular Shield Hookup Guide
DEV-12081 SPARKFUN-DEV-12081 Datasheet
106Kb / 1P
Weather Shield
DEV-13262 SPARKFUN-DEV-13262 Datasheet
505Kb / 8P
CAN-Bus Shield Hookup Guide
DEV-13626 SPARKFUN-DEV-13626 Datasheet
869Kb / 13P
Photon Battery Shield Hookup Guide
DEV-13628 SPARKFUN-DEV-13628 Datasheet
370Kb / 12P
Photon OLED Shield Hookup Guide
DEV-13674 SPARKFUN-DEV-13674 Datasheet
922Kb / 15P
Photon Weather Shield Hookup Guide V11
LCD-14048 SPARKFUN-LCD-14048 Datasheet
818Kb / 33P
TeensyView Hookup Guide
WRL-13287 SPARKFUN-WRL-13287 Datasheet
822Kb / 15P
WiFi Shield Hookup Guide
logo
Humirel
DPP902S000 HUMIREL-DPP902S000 Datasheet
215Kb / 4P
MEAS WEATHER SHIELD
logo
SparkFun Electronics
KIT-14130 SPARKFUN-KIT-14130 Datasheet
320Kb / 7P
Roshamglo Hookup Guide
3/22/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com