Electronic Components Datasheet Search
  English  ▼

X  

DEV-14056 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # DEV-14056
Description  Teensy 3.5 (Headers)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14056 Datasheet(HTML) 1 Page - SparkFun Electronics

  DEV-14056 Datasheet HTML 1Page - SparkFun Electronics DEV-14056 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Teensy 3.5 (Headers)
DEV‐14056 RoHS 
Description: The Teensy is a breadboard-friendly development board with loads of features in
a, well, teensy package. Each Teensy 3.5 comes with headers already attached and pre-flashed
with a bootloader so you can program it using the onboard USB connection; no external
programmer needed! You can program for the Teensy in your favorite program editor using C,
or you can install the Teensyduino add-on for the Arduino IDE and write Arduino sketches for it!
The processor on the Teensy also has access to the USB and can emulate any kind of USB
device you need it to be, making it great for USB-MIDI and other HID projects. The 32-bit,
120MHz processor brings a few other features to the table as well, such as multiple channels of
Direct Memory Access, several high-resolution ADCs and even an I2S digital audio interface!
There are also four separate interval timers, plus a delay timer! Oh yeah, and all digital pins
have interrupt capability and are 5V tolerant.
All of this functionality is jammed into a 62.3mm x 18mm board with all headers on a 0.1" grid so you can 
slap it on a breadboard and get to work! The Teensy 3.5 (as well as its sibling, the Teensy 3.6) is larger, 
faster and capable of more projects, especially with its onboard microSD card port. An upgraded ARM 
Cortex MCU (120MHz from 72MHz), more memory (512K from 256K)—as well as more RAM, EEPROM 
and accessible pins—make up the key new features of this board. The Teensy 3.5 is slightly scaled down 
from the Teensy 3.6 but is offered at a less expensive price point.
Note: This does not come with a USB cable;


Similar Part No. - DEV-14056

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-14058 SPARKFUN-DEV-14058 Datasheet
95Kb / 2P
Teensy 3.6 (Headers)
More results

Similar Description - DEV-14056

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-13995 SPARKFUN-DEV-13995 Datasheet
105Kb / 2P
Teensy Prop Shield
DEV-11781 SPARKFUN-DEV-11781 Datasheet
102Kb / 1P
Teensy 2.0
10/22/2015
DEV-13305 SPARKFUN-DEV-13305 Datasheet
110Kb / 2P
Teensy LC
10/22/2015
DEV-13736 SPARKFUN-DEV-13736 Datasheet
110Kb / 2P
Teensy 3.2
10/22/2015
DEV-14055 SPARKFUN-DEV-14055 Datasheet
87Kb / 2P
Teensy 3.5
DEV-14057 SPARKFUN-DEV-14057 Datasheet
84Kb / 2P
Teensy 3.6
DEV-14058 SPARKFUN-DEV-14058 Datasheet
95Kb / 2P
Teensy 3.6 (Headers)
DEV-15583 SPARKFUN-DEV-15583 Datasheet
167Kb / 3P
Teensy 4.0
8??3??9
DEV-16771 SPARKFUN-DEV-16771 Datasheet
927Kb / 3P
Teensy 4.1
5??8??0
DEV-16996 SPARKFUN-DEV-16996 Datasheet
196Kb / 3P
Teensy 4.1 (Headers)
8??0??0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com