Electronic Components Datasheet Search
  English  ▼

X  

4787803 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 4787803
Description  Filter regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4787803 Datasheet(HTML) 2 Page - Festo Corporation.

  4787803 Datasheet HTML 1Page - Festo Corporation. 4787803 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Drain screw material
High-alloy stainless steel
Drain screw material number
1.4404/316L
Material of filter support
Cast stainless steel
Filter support material number
1.4409/CF3M(316L)
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Material of mounting bracket
High-alloy stainless steel
Seals material
CR
NBR
Material of spring
High-alloy stainless steel
Compressed air filter material
High-alloy stainless steel
Compressed air filter material number
1.4404/316L
Housing material
Cast stainless steel
Material number of housing
1.4409/CF3M(316L)
Material of adjusting screw
High-alloy stainless steel
Material of bowl
Cast stainless steel
Bowl material number
1.4409/CF3M (316L)
2/27/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com