Electronic Components Datasheet Search
  English  ▼

X  

74VHC16244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC16244
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC16244 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC16244 Datasheet HTML 1Page - STMicroelectronics 74VHC16244 Datasheet HTML 2Page - STMicroelectronics 74VHC16244 Datasheet HTML 3Page - STMicroelectronics 74VHC16244 Datasheet HTML 4Page - STMicroelectronics 74VHC16244 Datasheet HTML 5Page - STMicroelectronics 74VHC16244 Datasheet HTML 6Page - STMicroelectronics 74VHC16244 Datasheet HTML 7Page - STMicroelectronics 74VHC16244 Datasheet HTML 8Page - STMicroelectronics 74VHC16244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
February 2003
s
HIGH SPEED:
tPD = 5.4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16244
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (MAX.)
DESCRIPTION
The 74VHC16244 is an advanced high-speed
CMOS 16-BIT BUS BUFFER (3-STATE) fabricat-
ed with sub-micron silicon gate and double-layer
metal wiring C2MOS tecnology.
Any
nG
output
control
governs
four
BUS
BUFFERS.
Output
Enable
inputs
(nG)tied
together give full 16 bit operation.
When nG is LOW, the outputs are enabled. When
nG is HIGH, the output are in high impedance
state.
The device is designed to be used with 3-state
memory address drivers, etc.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no re-
gard to the supply voltage. This device can be
used to interface 5V to 3V.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74VHC16244
16-BIT BUS BUFFER
WITH 3-STATE OUTPUTS (NON INVERTED)
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VHC16244TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74VHC16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
2003-Feb
74VHC16240TTR STMICROELECTRONICS-74VHC16240TTR Datasheet
149Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
2003-Feb
74VHC16245 STMICROELECTRONICS-74VHC16245 Datasheet
249Kb / 10P
16-BIT BUS TRANSCEIVER
Jul-2003
74VHC16245TTR STMICROELECTRONICS-74VHC16245TTR Datasheet
249Kb / 10P
16-BIT BUS TRANSCEIVER
Jul-2003
More results

Similar Description - 74VHC16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
Feb-2000
logo
Toshiba Semiconductor
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
logo
STMicroelectronics
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
2003-Feb
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
Feb-2003
74VHCT16245A STMICROELECTRONICS-74VHCT16245A Datasheet
254Kb / 10P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Apr-2001
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com