Electronic Components Datasheet Search
  English  ▼

X  

XALK178 Datasheet(PDF) 2 Page - Schneider Electric

Part # XALK178
Description  Harmony XALD, XALK, Control station, plastic, yellow lid, 1 red mushroom push button 횠40, turn to release, 1 NC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XALK178 Datasheet(HTML) 2 Page - Schneider Electric

  XALK178 Datasheet HTML 1Page - Schneider Electric XALK178 Datasheet HTML 2Page - Schneider Electric XALK178 Datasheet HTML 3Page - Schneider Electric XALK178 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cross pozidriv No 1
Slotted flat Ø 4 mm
Slotted flat Ø 5.5 mm
Contacts material
Silver alloy (Ag/Ni)
Short-circuit protection
10 A cartridge fuse gG EN/IEC 60947-5-1
[Ith] conventional free air
thermal current
10 A EN/IEC 60947-5-1
[Ui] rated insulation voltage
600 V 3)EN/IEC 60947-1
[Uimp] rated impulse withstand
voltage
6 kV EN/IEC 60947-1
[Ie] rated operational current
3 A 240 V, AC-15, A600 EN/IEC 60947-5-1
6 A 120 V, AC-15, A600 EN/IEC 60947-5-1
0.1 A 600 V, DC-13, Q600 EN/IEC 60947-5-1
0.27 A 250 V, DC-13, Q600 EN/IEC 60947-5-1
0.55 A 125 V, DC-13, Q600 EN/IEC 60947-5-1
1.2 A 600 V, AC-15, A600 EN/IEC 60947-5-1
Electrical durability
1000000 cycles, AC-15, 2 A 230 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, AC-15, 3 A 120 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, AC-15, 4 A 24 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, DC-13, 0.2 A 110 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
1000000 cycles, DC-13, 0.5 A 24 V 3600 cyc/h 0.5 EN/IEC 60947-5-1 appendix C
Electrical reliability
Λ < 10exp(-6) 5 V, 1 mA EN/IEC 60947-5-4
Λ < 10exp(-8) 17 V, 5 mA EN/IEC 60947-5-4
Environment
Protective treatment
TH
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
Overvoltage category
Class II IEC 60536
IP degree of protection
IP66 IEC 60529
IP67
IP69
IP69K
NEMA degree of protection
NEMA 13
NEMA 4X
IK degree of protection
IK03 EN 50102
Standards
EN/IEC 60204-1
EN/IEC 60947-1
EN/IEC 60947-5-4
EN/ISO 13850
JIS C 4520
IEC 60364-5-53
EN/IEC 60947-5-5
UL 508
CSA C22.2 No 14
EN/IEC 60947-5-1
Vibration resistance
5 gn 12…500 Hz)IEC 60068-2-6
Shock resistance
30 gn 18 ms) half sine wave acceleration IEC 60068-2-27
50 gn 11 ms) half sine wave acceleration IEC 60068-2-27
Ordering and shipping details
Category
22475 - WALL STATIONS
Discount Schedule
CS2
GTIN
3389119027892
Nbr. of units in pkg.
1
Package weight(Lbs)
5.57 oz (158 g)
Returnability
No
Country of origin
CZ
2
Feb 25, 2022



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com