Electronic Components Datasheet Search
  English  ▼

X  

MDEV-900-NT Datasheet(PDF) 2 Page - Linx Technologies

Part # MDEV-900-NT
Description  NT Series Transceiver Module
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-900-NT Datasheet(HTML) 2 Page - Linx Technologies

  MDEV-900-NT Datasheet HTML 1Page - Linx Technologies MDEV-900-NT Datasheet HTML 2Page - Linx Technologies MDEV-900-NT Datasheet HTML 3Page - Linx Technologies MDEV-900-NT Datasheet HTML 4Page - Linx Technologies MDEV-900-NT Datasheet HTML 5Page - Linx Technologies MDEV-900-NT Datasheet HTML 6Page - Linx Technologies MDEV-900-NT Datasheet HTML 7Page - Linx Technologies MDEV-900-NT Datasheet HTML 8Page - Linx Technologies MDEV-900-NT Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Warning: Linx radio frequency ("RF") products may be
used to control machinery or devices remotely, including machinery
or devices that can cause death, bodily injuries, and/or property
damage if improperly or inadvertently triggered, particularly in industrial
settings or other applications implicating life-safety concerns. No Linx
Technologies product is intended for use in any application without
redundancies where the safety of life or property is at risk.
The customers and users of devices and machinery controlled with
RF products must understand and must use all appropriate safety
procedures in connection with the devices, including without limitation,
using appropriate safety procedures to prevent inadvertent triggering by
the user of the device and using appropriate security codes to prevent
triggering of the remote controlled machine or device by users of other
remote controllers.
Do not use this or any Linx product to trigger an action directly
from the data line or RSSI lines without a protocol or encoder/
decoder to validate the data. Without validation, any signal from
another unrelated transmitter in the environment received by the module
could inadvertently trigger the action. This module does not have data
validation built in.
All RF products are susceptible to RF interference that can prevent
communication. RF products without frequency agility or hopping
implemented are more subject to interference. This module does
not have frequency agility built in, but the developer can implement
frequency agility with a microcontroller and the example code in Linx
Reference Guide RG-00101.
Do not use any Linx product over the limits in this data guide.
Excessive voltage or extended operation at the maximum voltage could
cause product failure. Exceeding the reflow temperature profile could
cause product failure which is not immediately evident.
Do not make any physical or electrical modifications to any Linx
product. This will void the warranty and regulatory and UL certifications
and may cause product failure which is not immediately evident.
!
Table Of Contents
1
Description
1
Features
2
Ordering Information
2
Absolute Maximum Ratings
3
Electrical Specifications
6
Typical Performance Graphs
11
Module Description
11
Theory of Operation
12
Pin Assignments
12
Pin Descriptions
14
Sending Data
14
The Data Input
15
The Data Output
15
Using the RSSI Line
16
Using the T/R_SEL Input
16
Using the Low Power Features
17
Using the READY Output
17
Using the LVL_ADJ Line
18
Baud Band Selection
19
Channel Selection
20
European Transmission Rules
23
Typical Applications
24
Power Supply Requirements
24
Antenna Considerations
25
Protocol Guidelines
26
Interference Considerations
27
Pad Layout
27
Board Layout Guidelines
29
Microstrip Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com