Electronic Components Datasheet Search
  English  ▼

X  

PS1B Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PS1B
Description  2-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, Direct Plug, BS1363A Plug, White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PS1B Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PS1B Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PS1B Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PS1B Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
2-Outlet Power Strip - British BS1363A Outlets,
220-250V AC, 13A, Direct Plug, BS1363A Plug,
White
MODEL NUMBER: PS1B
2-outlet power strip distributes electricity to home and office electronics, including computers, power tools
and appliances.
Features
Compact Power Strip Delivers Electricity to 2 Devices at the Same TimeCompatible with standard
electrical equipment, this Protect It!® power strip plugs directly into a wall outlet (no cord required). It
features two BS1363A outlets and a durable white plastic housing. It is ideal for powering almost anything
with a compatible plug, including computers and mobile devices to appliances and power tools.
Compact High-Impact Housing Makes Connecting in Tight Spaces EasierThis direct-plug power strip
is easy to install in confined spaces, such as behind furniture. One outlet is located on top of the unit, so a
connected power cord runs parallel to the wall, allowing you to push furniture against the wall to maximize
space.
Premium Safety Features Designed for Protecting Your Valuable EquipmentAn integrated 13A circuit
breaker protects all outlets and automatically cuts power if the protection circuit is incapacitated,
preventing equipment damage and indicating replacement is required.
Highlights
BS1363A outlets distribute
power to appliances, tools,
lighting and other electronics
q
Plugs directly into the wall (no
cord required) for easy
installation in tight spaces
q
13A circuit breaker shuts down
both UK outlets for safety in
case of overload
q
Applications
Distribute power to computer
equipment and other devices in
an office, workbench, retail or
telecom environment
q
Package Includes
PS1B 2-Outlet Direct-Plug Power
Strip, BS1363A Outlets, White
OVERVIEW
UPC Code
037332251572
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Voltage Compatibility (VAC)
220-250
1 / 3


Similar Part No. - PS1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1 ETC-PS1 Datasheet
123Kb / 2P
PS1/PM1 & PS2/PM2 SERIES POSITION SENSORS
logo
HellermannTyton.
PS1 HELLERMANNTYTON-PS1 Datasheet
167Kb / 1P
Cable Protection Systems
October 2015
logo
List of Unclassifed Man...
PS1-100Q ETC2-PS1-100Q Datasheet
720Kb / 11P
Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
logo
ABB
PS1-2-0 ABB-PS1-2-0 Datasheet
65Kb / 1P
Manual Motor Starters Accessories
PS1-2-0-65 ABB-PS1-2-0-65 Datasheet
65Kb / 1P
Manual Motor Starters Accessories
More results

Similar Description - PS1B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRAVELER ETC2-TRAVELER Datasheet
484Kb / 4P
2 AC outlets, direct plug-in surge suppressor with modem/fax surge protection
TLP31SAT ETC2-TLP31SAT Datasheet
545Kb / 5P
3 outlet - 2 fixed outlets, 1 rotating power outlet and rotating coax, Direct plug-in, 1080 Joules
logo
Cooper Bussmann, Inc.
TDC600-10A COOPER-TDC600-10A Datasheet
21Kb / 1P
British Plug Top Fuse
logo
Tripp Lite. All Rights ...
SK2UTRAVAM TRIPPLITE-SK2UTRAVAM Datasheet
178Kb / 3P
Safe-IT 2-Outlet Universal Travel Charger - 5-15R Outlets, 2 USB Ports, Direct Plug-In with 5 Plug Options, Antimicrobial Protection
PS4B18 TRIPPLITE-PS4B18 Datasheet
161Kb / 3P
4-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PS6B18 TRIPPLITE-PS6B18 Datasheet
160Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, 220-250V AC, 13A, 1.8 m Cord, BS1363A Plug, White
PS6B35W TRIPPLITE-PS6B35W Datasheet
161Kb / 3P
6-Outlet Power Strip - British BS1363A Outlets, Individually Switched, 220-250V, 13A, 3 m Cord, White
PS4B18USBW TRIPPLITE-PS4B18USBW Datasheet
162Kb / 3P
4-Outlet Power Strip with USB-A Charging - BS1363A Outlets, 220-250V, 13A, 1.8 m Cord, BS1363A Plug, White
TLP6F18USB TRIPPLITE-TLP6F18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - French Type E Outlets, 220-250V, 16A, 1.8 m Cord, Type E Plug, White
TLP6G18USB TRIPPLITE-TLP6G18USB Datasheet
164Kb / 4P
6-Outlet Surge Protector with USB Charging - German Type F Schuko Outlets, 220-250V, 16A, Schuko Plug, White
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com