Electronic Components Datasheet Search
  English  ▼

X  

PCA8576FUG/2DA/QKP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA8576FUG/2DA/QKP
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8576FUG/2DA/QKP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA8576FUG/2DA/QKP Datasheet HTML 11Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 12Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 13Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 14Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 15Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 16Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 17Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 18Page - NXP Semiconductors PCA8576FUG/2DA/QKP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
15 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
In the static drive mode, the bank-select command may request the contents of row 2 to
be selected for display instead of the contents of row 0. In the 1:2 multiplex mode, the
contents of rows 2 and 3 may be selected instead of rows 0 and 1. This gives the
provision for preparing display information in an alternative bank and to be able to switch
to it once it is assembled.
In Figure 11 an example is shown for 1:2 multiplex drive mode where the displayed data is
read from the first two rows of the memory (bank 0), while the transmitted data is stored in
the second two rows of the memory (bank 1).
7.3.8.2
Output bank selector
The output bank selector (see Table 10) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
selected LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, 2, and then 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
7.3.8.3
Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded in row 2 in static drive mode
or in rows 2 and 3 in 1:2 multiplex drive mode by using the bank-select command (see
Fig 10. Bank selection
Fig 11. Example of the Bank-select command with multiplex drive mode 1:2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com