Electronic Components Datasheet Search
  English  ▼

X  

CMD201P5 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD201P5
Description  DC-20 GHz Distributed Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD201P5 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD201P5 Datasheet HTML 1Page - Qorvo, Inc CMD201P5 Datasheet HTML 2Page - Qorvo, Inc CMD201P5 Datasheet HTML 3Page - Qorvo, Inc CMD201P5 Datasheet HTML 4Page - Qorvo, Inc CMD201P5 Datasheet HTML 5Page - Qorvo, Inc CMD201P5 Datasheet HTML 6Page - Qorvo, Inc CMD201P5 Datasheet HTML 7Page - Qorvo, Inc CMD201P5 Datasheet HTML 8Page - Qorvo, Inc CMD201P5 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CMD201P5
DC-20 GHz Distributed Power Amplifier
Data Sheet | December 3, 2021 | Subject to change without notice
1 of 11
www.qorvo.com
®
Product Overview
The CMD201P5 is wideband GaAs MMIC distributed power
amplifier which operates from DC to 20 GHz. The amplifier
delivers 11 dB of gain with a corresponding output 1 dB
compression point of +27 dBm and output IP3 of 37 dBm at
10 GHz. The CMD201P5 is a 50 ohm matched design
which eliminates the need for RF port matching.
Functional Block Diagram
Key Features
• Ultra Wideband Performance
• High Linearity
• High Output Power
• Excellent Return Losses
• Pb-Free RoHs Compliant 5x5 QFN Package
Ordering Information
Part No.
Description
CMD201P5
50 pcs on 7
’’ reel
CMD201P5-EVB
Evaluation Board
Electrical Performance (Vdd = 10.0 V, Vgg1 = -0.55 V, Vgg2 = 5.0 V, TA = 25o C, F = 10 GHz)
Parameter
Min
Typ
Max
Units
Frequency Range
DC - 20
GHz
Gain
11
dB
Noise Figure
3.4
dB
Input Return Loss
16
dB
Output Return Loss
17
dB
Output P1dB
27
dBm
Output IP3
38
dBm
Output IP2
38
dBm
Supply Current
400
mA


Similar Part No. - CMD201P5

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD201P5 MMIC-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201P5 QORVO-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
More results

Similar Description - CMD201P5

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD249 MMIC-CMD249 Datasheet
400Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201P5 MMIC-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 MMIC-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD249P5 MMIC-CMD249P5 Datasheet
287Kb / 12P
DC-20 GHz Distributed Power Amplifier
logo
Qorvo, Inc
CMD201P5 QORVO-CMD201P5 Datasheet
277Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD201 QORVO-CMD201 Datasheet
752Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD249P5 QORVO-CMD249P5 Datasheet
287Kb / 12P
DC-20 GHz Distributed Power Amplifier
CMD201 QORVO-CMD201_V01 Datasheet
273Kb / 11P
DC-20 GHz Distributed Power Amplifier
December 22, 2021
CMD249 QORVO-CMD249 Datasheet
400Kb / 10P
DC-20 GHz Distributed Power Amplifier
CMD249P5 QORVO-CMD249P5_V01 Datasheet
423Kb / 14P
DC-20 GHz Distributed Power Amplifier
May 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com