Electronic Components Datasheet Search
  English  ▼

X  

CMD201 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # CMD201
Description  DC-20 GHz Distributed Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD201 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button CMD201 Datasheet HTML 3Page - Qorvo, Inc CMD201 Datasheet HTML 4Page - Qorvo, Inc CMD201 Datasheet HTML 5Page - Qorvo, Inc CMD201 Datasheet HTML 6Page - Qorvo, Inc CMD201 Datasheet HTML 7Page - Qorvo, Inc CMD201 Datasheet HTML 8Page - Qorvo, Inc CMD201 Datasheet HTML 9Page - Qorvo, Inc CMD201 Datasheet HTML 10Page - Qorvo, Inc CMD201 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CMD201
DC-20 GHz Distributed Power Amplifier
Data Sheet | December 22, 2021 | Subject to change without notice
9 of 11
www.qorvo.com
®
Applications Information
Assembly Guidelines
The backside of the CMD201 is RF ground. Die attach should be accomplished with electrically and thermally conductive
epoxy only. Eutectic attach is not recommended. Standard assembly procedures should be followed for high frequency
devices. The top surface of the semiconductor should be made planar to the adjacent RF transmission lines, and the RF
decoupling capacitors placed in close proximity to the DC connections on chip.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use of a 0.8 mil
thermosonic wedge bonding is highly recommended as the loop height will be minimized. The RF input and output require
a double bond wire as shown.
The semiconductor is 85 um thick and should be handled by the sides of the die or with a custom collet. Do not make
contact directly with the die surface as this will damage the monolithic circuitry. Handle with care.
Assembly Diagram
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be
observed during handling, assembly and test.
0.1 uF CAP TO GROUND
To Vgg1
0.1 uF CAP TO GROUND
100 pF CAP TO GROUND
100 pF BYPASS CAP
0.1 uF BYPASS CAP
100 pF CAP TO GROUND
0.1 uF BYPASS CAP
100 pF BYPASS CAP
To Vgg2
To Vdd
RF out
RF in
(example: Presidio part
MVB4080X104ZGK5R3L)
(example: Presidio part
LSA1515B101M2H5R-L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com