Electronic Components Datasheet Search
  English  ▼

X  

CMD233 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD233
Description  2-20 GHz Distributed Low Noise Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD233 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD233 Datasheet HTML 1Page - Qorvo, Inc CMD233 Datasheet HTML 2Page - Qorvo, Inc CMD233 Datasheet HTML 3Page - Qorvo, Inc CMD233 Datasheet HTML 4Page - Qorvo, Inc CMD233 Datasheet HTML 5Page - Qorvo, Inc CMD233 Datasheet HTML 6Page - Qorvo, Inc CMD233 Datasheet HTML 7Page - Qorvo, Inc CMD233 Datasheet HTML 8Page - Qorvo, Inc CMD233 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD233
CMD233
CMD233
2-20 GHz Distributed Low Noise Amplifier
Parameter
Min
Typ
Max
Units
Vdd
3.0
5.0
6.0
V
Idd
120
mA
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 5.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
7 V
RF Input Power
+23 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
808 mW
Thermal Resistance
80.4 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.3 0716
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
2 - 6
6 - 14
GHz
Gain
7
9.5
12
6.5
8.5
11.5
6.5
9
11.5
dB
Noise Figure
5.5
6.5
4.5
5.5
5
6.5
dB
Input Return Loss
10
12
15
dB
Output Return Loss
16
20
15
dB
Output P1dB
21
20.5
20.5
dBm
Output IP3
25.5
24
22
dBm
Supply Current
85
120
155
85
120
155
85
120
155
mA
Gain Temperature
Coefficient
0.02
0.02
0.02
dB/°C
Noise Figure Temperature
Coefficient
0.01
0.01
0.01
dB/°C
14 - 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com