Electronic Components Datasheet Search
  English  ▼

X  

CMD241P4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD241P4
Description  2-22 GHz Distributed Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD241P4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD241P4 Datasheet HTML 1Page - Qorvo, Inc CMD241P4 Datasheet HTML 2Page - Qorvo, Inc CMD241P4 Datasheet HTML 3Page - Qorvo, Inc CMD241P4 Datasheet HTML 4Page - Qorvo, Inc CMD241P4 Datasheet HTML 5Page - Qorvo, Inc CMD241P4 Datasheet HTML 6Page - Qorvo, Inc CMD241P4 Datasheet HTML 7Page - Qorvo, Inc CMD241P4 Datasheet HTML 8Page - Qorvo, Inc CMD241P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD241P4 is wideband GaAs MMIC
distributed low noise amplifier housed in a
leadless 4x4 mm surface mount package. The
amplifier operates from 2 to 22 GHz and
delivers greater than 13 dB of gain with a
corresponding noise figure of 2.3 dB and an
output 1 dB compression point of +21 dBm at
11 GHz. The CMD241P4 is a 50 ohm matched
design which eliminates the need for external
DC blocks and RF port matching.
► Ultra wideband performance
► Low noise figure
► Low current consumption
► Excellent return losses
► Pb-free RoHs compliant 4x4 QFN package
Electrical Performance – Vdd = 5.0 V, Idd = 74 mA, TA = 25
oC, F = 11 GHz
Features
Description
Functional Block Diagram
ver 1.4 0919
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
13.5
dB
Noise Figure
2.3
dB
Input Return Loss
18
dB
Output Return Loss
15
dB
Output P1dB
21
dBm
Supply Current
74
mA
2 – 22
Output IP3
28
dBm
Output IP2
37
dBm
CMD241P4
2-22 GHz Distributed Amplifier


Similar Part No. - CMD241P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
2-22 GHz Distributed Amplifier
More results

Similar Description - CMD241P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD240 MMIC-CMD240 Datasheet
232Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 MMIC-CMD240C4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD241 MMIC-CMD241 Datasheet
230Kb / 10P
2-22 GHz Distributed Amplifier
CMD241P4 MMIC-CMD241P4 Datasheet
269Kb / 10P
2-22 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD241 QORVO-CMD241 Datasheet
225Kb / 10P
2-22 GHz Distributed Amplifier
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 QORVO-CMD240C4 Datasheet
262Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240 QORVO-CMD240 Datasheet
227Kb / 10P
DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4 Datasheet
438Kb / 13P
DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4_V01 Datasheet
445Kb / 14P
DC-22 GHz Distributed Amplifier
December 6, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com