Electronic Components Datasheet Search
  English  ▼

X  

CMD284P4 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD284P4
Description  DC-22 GHz Distributed Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD284P4 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD284P4 Datasheet HTML 1Page - Qorvo, Inc CMD284P4 Datasheet HTML 2Page - Qorvo, Inc CMD284P4 Datasheet HTML 3Page - Qorvo, Inc CMD284P4 Datasheet HTML 4Page - Qorvo, Inc CMD284P4 Datasheet HTML 5Page - Qorvo, Inc CMD284P4 Datasheet HTML 6Page - Qorvo, Inc CMD284P4 Datasheet HTML 7Page - Qorvo, Inc CMD284P4 Datasheet HTML 8Page - Qorvo, Inc CMD284P4 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CMD284P4
DC-22 GHz Distributed Amplifier
Data Sheet | December 6, 2021 | Subject to change without notice
1 of 14
www.qorvo.com
®
Product Overview
The CMD284P4 is a wideband GaAs MMIC distributed
amplifier housed in a leadless 4x4 mm plastic surface
mount package. The amplifier operates from DC to 22 GHz
and delivers 17 dB of gain with a corresponding output 1
dB compression point of +19 dBm and noise figure of 2.5
dB at 10 GHz. The CMD284P4 is a 50 ohm matched design
which eliminates the need for RF port matching.
Functional Block Diagram
Note: Vgg2 is optional for gain control
Electrical Performance (Vdd = 8.0 V, Vgg = 3.0 V, TA = 25o C, F = 10 GHz)
)
)
)
)
)
Parameter
Min
Typ
Max
Units
Frequency Range
DC - 22
GHz
Gain
17
dB
Noise Figure
2.5
dB
Input Return Loss
25
dB
Output Return Loss
17
dB
Output P1dB
19
dBm
Output IP3
28
dBm
Supply Current
108
mA
Key Features
• Ultra Wideband Performance
• Low Noise Figure
• Low Current Consumption
• Pb-Free RoHs Compliant 4x4 QFN Package
Ordering Information
Part No.
Description
CMD284P4
100 pcs on 7” reel
CMD284P4-EVB
Evaluation Board


Similar Part No. - CMD284P4

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD284P4 QORVO-CMD284P4 Datasheet
438Kb / 13P
DC-22 GHz Distributed Amplifier
More results

Similar Description - CMD284P4

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD240 MMIC-CMD240 Datasheet
232Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 MMIC-CMD240C4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240P4 MMIC-CMD240P4 Datasheet
273Kb / 10P
DC-22 GHz Distributed Amplifier
logo
Qorvo, Inc
CMD240P4 QORVO-CMD240P4 Datasheet
268Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240C4 QORVO-CMD240C4 Datasheet
262Kb / 10P
DC-22 GHz Distributed Amplifier
CMD240 QORVO-CMD240 Datasheet
227Kb / 10P
DC-22 GHz Distributed Amplifier
CMD284P4 QORVO-CMD284P4 Datasheet
438Kb / 13P
DC-22 GHz Distributed Amplifier
CMD284 QORVO-CMD284 Datasheet
419Kb / 13P
DC-22 GHz Distributed Amplifier
CMD240P4 QORVO-CMD240P4_V01 Datasheet
358Kb / 11P
DC-22 GHz Distributed Amplifier
November 4, 2021
CMD284 QORVO-CMD284_V01 Datasheet
366Kb / 15P
DC-22 GHz Distributed Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com