Electronic Components Datasheet Search
  English  ▼

X  

MAX4166EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4166EPA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4166EPA Datasheet HTML 1Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 2Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 3Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 4Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 5Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 6Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 7Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 8Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), VSHDN ≥ 2V, TA = +25°C, unless otherwise
noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RL = 100kΩ
VCC - VOH
15
30
mV
Output Voltage Swing
VOUT
VCC = 5V
VOL - VEE
10
25
RL = 25Ω
VCC - VOH
340
430
VOL - VEE
160
350
Output Source/Sink Current
(Note 2)
VOUT = 0.6V to (VCC - 0.6V)
±80
±125
mA
SHDN
Logic Threshold
VIL
Shutdown mode
0.8
V
(Note 3)
VIH
Normal mode
2.0
SHDN
Input Bias Current
VEE < VSHDN < VCC
±3.0
µA
Operating Supply-Voltage
Range
VCC
Inferred from PSRR test
2.7
6.5
V
Quiescent Supply Current
ICC
VCC = 5V
1.3
1.5
mA
(per Amplifier)
VCC = 3V
1.2
1.4
Shutdown Supply Current
VSHDN < 0.8V
VCC = 5V
58
75
µA
(per Amplifier)
ICC(SHDN)
VCC = 3V
38
49
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), VSHDN ≥ 2V, TA = -40°C to +85°C, unless
otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX416_EPA/EPD
1.0
mV
MAX416_ESA/ESD
1.0
Input Offset Voltage
VOS
VCM = VEE to VCC
MAX416_EUA/EUB/ELA
4.9
MAX416_EUK
4.3
MAX4169E_D
1.2
Offset-Voltage Tempco
ΔVOS/ΔT
±3
µV/°C
Input Bias Current
IB
VCM = VEE to VCC
±225
nA
Input Offset Current
IOS
VCM = VEE to VCC
±21
nA
Common-Mode Input
Voltage Range
VCM
Inferred from CMRR test
VEE - 0.15
VCC + 0.15
V
MAX416_EPA/EPD
71
dB
Common-Mode
Rejection Ratio
CMRR
VEE - 0.15V < VCM <
(VCC + 0.15V)
MAX416_ESA/ESD
71
MAX416_EUA/EUB/ELA
56
MAX416_EUK
57
MAX4169E_D
69
MAX416_EPA/EPD
67
dB
MAX416_ESA/ESD
67
Power-Supply Rejection Ratio
PSRR
VCC = 2.7V to 6.5V
MAX416_EUA/EUB/ELA
65
MAX416_EUK
65
MAX4169E_D
66
_______________________________________________________________________________________ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com